Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0342 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0342
Description  W5500 Ethernet with POE Mainboard SKU: DFR0342
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0342 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0342 Datasheet HTML 3Page - DFROBOT DFR0342 Datasheet HTML 4Page - DFROBOT DFR0342 Datasheet HTML 5Page - DFROBOT DFR0342 Datasheet HTML 6Page - DFROBOT DFR0342 Datasheet HTML 7Page - DFROBOT DFR0342 Datasheet HTML 8Page - DFROBOT DFR0342 Datasheet HTML 9Page - DFROBOT DFR0342 Datasheet HTML 10Page - DFROBOT DFR0342 Datasheet HTML 11Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
if (c == '\n' && currentLineIsBlank) {
// send a standard http response header
client.println("HTTP/1.1 200 OK");
client.println("Content-Type: text/html");
// the connection will be closed after completion of the response
client.println("Connection: close");
client.println("Refresh: 5");
// refresh the page automatically ev
ery 5 sec
client.println();
client.println("<!DOCTYPE HTML>");
client.println("<html>");
// output the value of each analog input pin
for (int analogChannel = 0; analogChannel < 6; analogChannel++) {
int sensorReading = analogRead(analogChannel);
client.print("analog input ");
client.print(analogChannel);
client.print(" is ");
client.print(sensorReading);
client.println("<br />");
}
client.println("</html>");
break;
}
if (c == '\n') {
// you're starting a new line
currentLineIsBlank = true;
}
else if (c != '\r') {
// you've gotten a character on the current line
currentLineIsBlank = false;
}
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com