Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0342 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0342
Description  W5500 Ethernet with POE Mainboard SKU: DFR0342
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0342 Datasheet(HTML) 2 Page - DFROBOT

  DFR0342 Datasheet HTML 1Page - DFROBOT DFR0342 Datasheet HTML 2Page - DFROBOT DFR0342 Datasheet HTML 3Page - DFROBOT DFR0342 Datasheet HTML 4Page - DFROBOT DFR0342 Datasheet HTML 5Page - DFROBOT DFR0342 Datasheet HTML 6Page - DFROBOT DFR0342 Datasheet HTML 7Page - DFROBOT DFR0342 Datasheet HTML 8Page - DFROBOT DFR0342 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Introduction
The W5500 Ethernet mainboard is the newest member of the DFRobot Ethernet family. It Is a
microcontroller based on the ATmega32u4 and W5500 Ethernet chip with the same footprint as
an Arduino Leonardo board, as well as being compatible with most Arduino shields and sensors,
making it suitable for many kinds of IOT applications. The W5500 chip is a hardwired TCP/IP
embedded Ethernet chip that provides easy internet connection for embedded systems. The board
has the TCP/IP stack, 10/1000 ethernet MAC and PHY embedded, allowing internet connectivity
in the users application using just the board and nothing else. The W5500 Ethernet mainboard
uses a high-efficiency SPI protocol which supports a speed of 80MHZ for high speed network
communication. In order to reduce power consumption it also includes WOL (wake on LAN)
and power down modes. The board can be powered using a regular VIN, or POE as the power
supply. It also integrates a power regulation chip that allows it to work under a complex
environment.
Specification
Microcontroller: Atmel Atmega32u4 (Arduino Leonardo) 
External Input Voltage Range (recommended): 7V~20V DC  
External Input Voltage Range (limit): 6‐23V 
POE Input Voltage: 48V AC/DC (802.3af standard PD device) 
Digital I/O Pins: 20 
Analog I/O Pins: 6 
DC Current per I/O Pin: 40 mA 
Flash Memory: 32 KB (ATmega32u4) (4KB used by bootloader) 
SRAM: 2 KB (ATmega32u4) 
EEPROM: 1 KB (ATmega32u4) 
Clock Speed: 16 MHz 
PHY: WIZnet W5500 
PHY Clock Speed: 25MHz 
Dimension: 73.5 x 53.5x15mm 
 
 
Pinout Diagram
We recommend that you remove the jumper caps if you don't need to use the W5500 reset
and interrupt functions, or pins 7, 8, 11 or 12 may not function properly.
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com