Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0347 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0347
Description  2.8" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0347
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0347 Datasheet(HTML) 7 Page - DFROBOT

  DFR0347 Datasheet HTML 1Page - DFROBOT DFR0347 Datasheet HTML 2Page - DFROBOT DFR0347 Datasheet HTML 3Page - DFROBOT DFR0347 Datasheet HTML 4Page - DFROBOT DFR0347 Datasheet HTML 5Page - DFROBOT DFR0347 Datasheet HTML 6Page - DFROBOT DFR0347 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
#include <DmTftIli9341.h>
#include <DmDrawBmpFromSdCard.h>
#define TFT_CS
10
#define SD_CS
8
#define F_CS
6
#define T_CS
4
DmTftIli9341 tft = DmTftIli9341(10, 9);
DmDrawBmpFromSdCard drawImage = DmDrawBmpFromSdCard();
void setup()
{
// Set CS SPI pin HIGH for all SPI units, so they don't interfere
pinMode(TFT_CS, OUTPUT);
digitalWrite(TFT_CS, HIGH);
pinMode(T_CS, OUTPUT);
digitalWrite(T_CS, HIGH);
pinMode(SD_CS, OUTPUT);
digitalWrite(SD_CS, HIGH);
pinMode(F_CS, OUTPUT);
digitalWrite(F_CS, HIGH);
Serial.begin(9600);
tft.init();
SD.begin(SD_CS);
drawImage.drawImage("logop565.bmp", tft, 0, 0);//Display picture
tft.clearScreen();
delay(2000);
drawImage.drawImage("logop888.bmp", tft, 0, 0);
}
void loop() {
      https://www.dfrobot.com/wiki/index.php/2.8%22_TFT_Touch_Shield_with_4MB_Flash_for_Arduino_and_mbed_SKU:DFR0347 8‐23‐18 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com