Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0347 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0347
Description  2.8" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0347
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0347 Datasheet(HTML) 1 Page - DFROBOT

  DFR0347 Datasheet HTML 1Page - DFROBOT DFR0347 Datasheet HTML 2Page - DFROBOT DFR0347 Datasheet HTML 3Page - DFROBOT DFR0347 Datasheet HTML 4Page - DFROBOT DFR0347 Datasheet HTML 5Page - DFROBOT DFR0347 Datasheet HTML 6Page - DFROBOT DFR0347 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.8" TFT Touch Shield with 4MB Flash for
Arduino and mbed SKU:DFR0347
Introduction
The liquid crystal display module based on SPI communication interface, provide2.8 "TFT LCD,
resistive touch screen, built-in Flash flash and SD card external expansion storage.This TFT panel
connects directly on top of an Arduino pin compatible device.
Specification
Model: DM-TFT28-105
Display size: 2.8"
Operating voltage: 3.3V or 5V
Resolution ratio: 240x320
Communication Interface: SPI
Flash memory: 4MB
Operating temperature: -10~70
Support micro-SD card
Support both Arduino and mbed
Size: 55*70 (W*H)mm
Viewing area:43.2*57.6 (W*H)mm
Weight: 40g


Similar Part No. - DFR0347

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0341 DFROBOT-DFR0341 Datasheet
85Kb / 2P
Intel Galileo Gen 2 Development Board
DFR0342 DFROBOT-DFR0342 Datasheet
527Kb / 11P
W5500 Ethernet with POE Mainboard SKU: DFR0342
DFR0343 DFROBOT-DFR0343 Datasheet
514Kb / 4P
UHex Low‐power Controller SKU: DFR0343
DFR0348 DFROBOT-DFR0348 Datasheet
518Kb / 8P
3.5" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0348
8-23-18
More results

Similar Description - DFR0347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
logo
SparkFun Electronics
SPX-15091 SPARKFUN-SPX-15091 Datasheet
262Kb / 5P
Sunflower Shield - 3.5" TFT w/ Cap Touch
11??0??8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com