Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0350 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0350
Description  Romeo for Intel® Edison Controller (With Intel® Edison)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0350 Datasheet(HTML) 1 Page - DFROBOT

  DFR0350 Datasheet HTML 1Page - DFROBOT DFR0350 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Romeo for Intel® Edison Controller (With Intel® Edison)
SKU:DFR0350
INTRODUCTION
Romeo for Intel® Edison is a multi-purpose, all-in-one development platform based on Intel
Edison and Arduino SoC. It is especially designed to be useful for robotics applications. Romeo
for Intel® Edison is compatible with Arduino open source platform and Linux, and supports Java
and C development environment. Users are able to extend this platform with thousands of
existing shields and modules such as switches, sensors, LEDs, servos, motors easily with Romeo
for Intel Edison. It can also be used as a standalone communication platform for software like
flash, processing, Max/MSP and VVVV. The integrated 2 way DC motor driver and wireless
capability allows you to start your project immediately without the need of any additional motor
driver or wireless shield. The Romeo for Intel® Edison inherits all functions of the Romeo all-in-
one controller and integrates powerful functions the Intel Edison board possesses. You can
describe it as a control board specially designed for robotics applications, carrying the powerful
gene of Intel® Edison and being compatible with Arduino.


Similar Part No. - DFR0350

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0351 DFROBOT-DFR0351 Datasheet
56Kb / 2P
Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
DFR0352 DFROBOT-DFR0352 Datasheet
153Kb / 3P
WRTnode Standard Shield
8-23-18
DFR0355 DFROBOT-DFR0355 Datasheet
138Kb / 3P
SIM808 GSM/GPRS/GPS Arduino IOT Board
DFR0356 DFROBOT-DFR0356 Datasheet
242Kb / 4P
Bluno Beetle Shield SKU: DFR0356
More results

Similar Description - DFR0350

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
logo
Advantech Co., Ltd.
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Intel Corporation
E810 INTEL-E810 Datasheet
1Mb / 36P
Intel® Ethernet Controller E810
Rev. 3.9
logo
Digital View Ltd
SVX-4096-SDM DIGITALVIEW-SVX-4096-SDM Datasheet
569Kb / 2P
4K LCD controller with Intel® SDM
July 2018 v1.2
logo
Intel Corporation
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
Intel® Desktop Board
July 2013 Rev. -006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com