Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0350 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0350
Description  Romeo for Intel® Edison Controller (With Intel® Edison)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0350 Datasheet(HTML) 2 Page - DFROBOT

  DFR0350 Datasheet HTML 1Page - DFROBOT DFR0350 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
Dual‐core processor, 500MHz Intel® AtomTM processor and 100MHz Intel® QuarkTM 
microcontroller 
Support USB power and external power supply switch 
Support SPI program port 
Support 1 x I2C interface 
Support 2 way motor drive (Peak Current: 2A) 
Support Broadcom 43340 802.11 a/b/g/n dual band (2.4G and 5GHz) Wi‐Fi 
Support Bluetooth 4.0 
Support OTG 
14 Digital I/O pins 
6 Analog I/O pins 
4 PWM Output interfaces 
SPECIFICATION
Microprocessor: Intel® Edison (dual‐core processor, 500MHz Intel Atom CPU and 100MHz Intel 
Quark microcontroller) 
Operating Voltage: 5V 
Output Voltage: 5V/3.3V 
Input Voltage(limits): 6‐20V 
Digital I/O pins: 14 
Analog I/O pins: 6 
DC Current per I/O Pin: 10mA 
Motor Driver Constant Current: 2 x 2A 
Size: 100x88x15mm(3.94x3.07x0.59") 
Weight: 70g 
SHIPPING LIST
Romeo for Edison Controller x1 
Powered By DFRobot © 2008-2017
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com