Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0351 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0351
Description  Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0351 Datasheet(HTML) 2 Page - DFROBOT

  DFR0351 Datasheet HTML 1Page - DFROBOT DFR0351 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION
On-board BLE chip: TI CC2540
Transmission range: <30m
Easy to use BLE firmware updating
Wireless Programming Via BLE
Support Bluetooth HID
Support AT command to config the BLE
Support the master-salve machine switch
Transparent communication through Serial
Microcontroller: Atmega328p
Bootloader: Arduino UNO
8 Digital I/O ports
2 PWM Outputs(Pin11,Pin10)
4 10-bit analog input ports
USB port
Auto sensing/switching external power input
TTL I2C ICSP interfaces
Two way H-bridged Motor Driver with 1.5A maximum current (each one)
Size: 45x38.5mm(1.77x1.52")
SHIPPING LIST
Romeo BLE mini x1
Powered By DFRobot © 2008-2017
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com