Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0351 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0351
Description  Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0351 Datasheet(HTML) 1 Page - DFROBOT

  DFR0351 Datasheet HTML 1Page - DFROBOT DFR0351 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
SKU:DFR0351
INTRODUCTION
Romeo BLE mini is a small Arduino compatible robot control board with motor driver and bluetooth 4.0. It benefits from the
Arduino open source platform, which includes thousands of open source codes. Its integrated 2 way DC motor driver allows the
project to be started immediately without any additional motor driver shield.
As a new member of Romeo family, Romeo BLE mini is designed for robot applications, it comes with various features such as
Bluetooth communication, wireless programming and smartrphone controlling. Say goodbye to the messy cable and
plugging/unplugging USB port; it is all in wireless now!
Romeo BLE mini inherits most features from Bluetooth 4.0 and Romeo microcontroller. The power regulator will auto-switch
the power resource when you connect USB and External power, which ensures system's working-stability.


Similar Part No. - DFR0351

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0350 DFROBOT-DFR0350 Datasheet
84Kb / 2P
Romeo for Intel® Edison Controller (With Intel® Edison)
DFR0352 DFROBOT-DFR0352 Datasheet
153Kb / 3P
WRTnode Standard Shield
8-23-18
DFR0355 DFROBOT-DFR0355 Datasheet
138Kb / 3P
SIM808 GSM/GPRS/GPS Arduino IOT Board
DFR0356 DFROBOT-DFR0356 Datasheet
242Kb / 4P
Bluno Beetle Shield SKU: DFR0356
More results

Similar Description - DFR0351

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Tripp Lite. All Rights ...
U261-001-BT4 TRIPPLITE-U261-001-BT4 Datasheet
491Kb / 2P
Mini Bluetooth 4.0 (Class 1) USB Adapter
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
Bluetooth Low-Energy (BLE)-compliant
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
Bluetooth 4.0 BLE module
logo
IOGEAR
GBU522 IOGEAR-GBU522 Datasheet
154Kb / 3P
Mini USB Dual-Mode Bluetooth 4.0 Transmitter
logo
Arduino
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
logo
List of Unclassifed Man...
BC118 ETC1-BC118 Datasheet
767Kb / 14P
Bluetooth 4.0
logo
Yichip Microelectronics...
YC1166 YICHIP-YC1166 Datasheet
1Mb / 16P
Bluetooth 5.0 BR/EDR/BLE
2020-02-26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com