Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0352 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0352
Description  WRTnode Standard Shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0352 Datasheet(HTML) 1 Page - DFROBOT

  DFR0352 Datasheet HTML 1Page - DFROBOT DFR0352 Datasheet HTML 2Page - DFROBOT DFR0352 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRTnode Standard Shield
SKU:DFR0352
This standard sheild for WRTnode is directly stackable with the WRTnode Mini
OpenWRT Dev Board.
WRTnode (A Mini OpenWRT Dev Board)uses a MTK MT7620N 580MHZ MIPS
CPU, and is powerful in both interface and functionality. But expanding its interface with
jumper wires is troublesome since there are only pin headers and Micro USB available
onboard. This standard shielf for WRTnode not only expands GPIO, SPI, I2C, etc., but
also expands the number of USB interfaces to four, at the same time providing a 100m
Ethernet interface. Now it's your choice to have messy spaghetti or just one shield on
your board.
WRTnode (A Mini OpenWRT Dev Board) is a high performance CPU, low power
consuming, cheap and small dev board that can run OpenWRT OS and also easy to
port all open source software of Linux. OpenWRT is a Linux distribution for embedded
devices, the framework to build an application without having to build a complete
firmware around it; for users this means the ability for full customization, to use the
device in ways never envisioned.
Today, more and more devices could connect to internet, named Internet of Things.


Similar Part No. - DFR0352

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0350 DFROBOT-DFR0350 Datasheet
84Kb / 2P
Romeo for Intel® Edison Controller (With Intel® Edison)
DFR0351 DFROBOT-DFR0351 Datasheet
56Kb / 2P
Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
DFR0355 DFROBOT-DFR0355 Datasheet
138Kb / 3P
SIM808 GSM/GPRS/GPS Arduino IOT Board
DFR0356 DFROBOT-DFR0356 Datasheet
242Kb / 4P
Bluno Beetle Shield SKU: DFR0356
More results

Similar Description - DFR0352

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
0100MS BURR-BROWN-0100MS Datasheet
59Kb / 4P
EMI SHIELD
logo
Vicor Corporation
01039 VICOR-01039 Datasheet
49Kb / 1P
MODULE SHIELD
logo
Japan Aviation Electron...
FI-RE21S-VF JAE-FI-RE21S-VF Datasheet
151Kb / 1P
SHIELD TYPE
logo
XFMRS Inc.
XF10145S-471M XFMRS-XF10145S-471M Datasheet
105Kb / 2P
SHIELD INDUCTOR
XF12565S-4R2N XFMRS-XF12565S-4R2N Datasheet
37Kb / 1P
SHIELD INDUCTOR
XF12565S-101M XFMRS-XF12565S-101M Datasheet
71Kb / 1P
SHIELD INDUCTOR
logo
SparkFun Electronics
DEV-12081 SPARKFUN-DEV-12081 Datasheet
106Kb / 1P
Weather Shield
DEV-12761 SPARKFUN-DEV-12761 Datasheet
108Kb / 1P
microSD Shield
logo
Maxim Integrated Produc...
MAX33015ESHLD MAXIM-MAX33015ESHLD Datasheet
903Kb / 9P
MAX33015E Shield
Rev 1; 4/21
logo
Molex Electronics Ltd.
62201-0906 MOLEX-62201-0906 Datasheet
278Kb / 3P
VHDM짰 H-Series Backplane Standard Shield Module Press-In Tool
11-24-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com