Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0352 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0352
Description  WRTnode Standard Shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0352 Datasheet(HTML) 2 Page - DFROBOT

  DFR0352 Datasheet HTML 1Page - DFROBOT DFR0352 Datasheet HTML 2Page - DFROBOT DFR0352 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The WRTnode (A Mini OpenWRT Dev Board) is a small node which could connect
internet all by itself and do complicated tasks. Such as track a cat running over, identify
what you are saying and twitter it, check email and pronounce for you, learn how your
room layout and find garbage to sweep while streaming camera video to you over
internet. Just to name a few.
Note:
Be sure to plug the WRTnode into the shield as shown in the picture, Be sure DO NOT go
wrong direction.
For the power we recommend a 5V USB-interface adapter higher than 1000mA, when more
USB devices plugged in, we recommend a 2A or 2.5A adapter, such as your ipad one.
For WRTnode shield, please check here.
SPECIFICATION
5V micro-USB DC-in
Extend 4 standard USB port
1 RJ45 100M Ethernet port( to be a LAN port or WAN port as you define)
other interfaces:
UART
I2C( while could multiused as GPIO * 2)
SPI
GPIO*12
Uboot web-page fail-safe de-brick button
5v and 3.3v pins
Size of layout: 80*48.5*20mm(3.15*1.91*0.79")



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com