Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0355 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0355
Description  SIM808 GSM/GPRS/GPS Arduino IOT Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0355 Datasheet(HTML) 2 Page - DFROBOT

  DFR0355 Datasheet HTML 1Page - DFROBOT DFR0355 Datasheet HTML 2Page - DFROBOT DFR0355 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APPLICATIONS
GPRS network nodes 
Remote communications 
Satellite positioning 
Real‐time car tracking systems 
Security 
Internet of things (IoT) 
SPECIFICATION
AVR Arduino MCU: ATmega32u4 (Bootloader: Leonardo)  
Operating voltage: 5V 
Input Voltage: 5V (USB)/7~23V(Vin)/3.5~4.3V (BAT) 
Low‐power consumption: (100mA@7V‐GSM mode) 
Digital I/O Pins: 20 
PWM Channels: 7 
Analog Input Pins: 12 
DC Current per I/O Pin: 40 mA 
DC Current for 3.3V Pin: 50 mA 
Flash Memory: 32 KB (of which 4 KB is used by the bootloader) 
SRAM: 2.5 KB 
EEPROM: 1 KB 
Clock Speed: 16 MHz 
Wireless Module: SIM808 GSM/GPRS/GPS module  
Quad‐band 850/900/1800/1900MHz – 2G GSM network 
GPRS multi‐slot class 12/10 
GPRS mobile station class B 
Compliant to GSM phase 2/2+  
o
Class 4 (2 W @ 850/900MHz) 
o
Class 1 (1 W @ 1800/1900MHz) 
Bluetooth: Compliant with 3.0 + EDR (Not open in this version) 
Time‐To‐First‐Fix  
o
Cold starts: 30s (typ.) 
o
Hot starts: 1s (typ.) 
o
Warm starts: 28s (typ.) 
Accuracy: Horizontal position 2.5m CEP 
Update rate: 5Hz 
Control: AT command (GSM07.07, 07.05 and SIMCom enhanced AT commands) 
Dimension: 73*54mm / 2.87* inches 
Weight: 50g 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com