Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0355 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0355
Description  SIM808 GSM/GPRS/GPS Arduino IOT Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0355 Datasheet(HTML) 1 Page - DFROBOT

  DFR0355 Datasheet HTML 1Page - DFROBOT DFR0355 Datasheet HTML 2Page - DFROBOT DFR0355 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
SIM808 GSM/GPRS/GPS Arduino IOT Board
SKU:DFR0355
 
 
 
INTRODUCTION
This is an Arduino Leonardo with SIM808 GSM/GPRS/GPS. The SIM808 with Leonardo
mainboard is the latest Arduino board developed by DFRobot for multi-purpose applications.
The onboard SIM808 module includes an integrated quad-band GSM/GPRS and GPS satellite
navigation module, and a 4 layer PCB integrates the microcontroller, microphone, headphone
jack and GPRS/GPS, giving this board the tiny footprint of a regular credit card! Meanwhile, the
board includes a sleep mode feature for extra-low power consumption. And an on-board 3.7V
Lipo battery power supply and battery-charging circuit has been integrated into the board,
making it ideal for applications such as real-time car tracking, security patrolling and IoT
projects.
Compared with the existing SIM808 modules on the market, this SIM808 uses the latest version
with better stability.


Similar Part No. - DFR0355

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0350 DFROBOT-DFR0350 Datasheet
84Kb / 2P
Romeo for Intel® Edison Controller (With Intel® Edison)
DFR0351 DFROBOT-DFR0351 Datasheet
56Kb / 2P
Romeo BLE mini - Small Arduino Robot Control Board with Bluetooth 4.0
DFR0352 DFROBOT-DFR0352 Datasheet
153Kb / 3P
WRTnode Standard Shield
8-23-18
DFR0356 DFROBOT-DFR0356 Datasheet
242Kb / 4P
Bluno Beetle Shield SKU: DFR0356
More results

Similar Description - DFR0355

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
GSM & GPRS MODEM
logo
Telit loT Solutions
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
GSM | GPRS Embedded
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
GSM | GPRS Embedded
logo
SIMCom
SIM808 SIMCOM-SIM808 Datasheet
203Kb / 1P
GSM/GPRSGPS Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com