Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM808 Datasheet (PDF) - SIMCom

SIM808 Datasheet PDF - SIMCom
Part # SIM808
Download  SIM808 Download
File Size   203.62 Kbytes
Page   1 Pages
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom
Description GSM/GPRSGPS Module

SIM808 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM808 Datasheet PDF - SIMCom

Part # SIM808
Download  SIM808 Click to download

File Size   203.62 Kbytes
Page   1 Pages
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom
Description GSM/GPRSGPS Module

SIM808 Datasheet (HTML) - SIMCom


SIM808 Product details

General features
•Quad-band 850/900/1800/1900MHz
•GPRS multi-slot class 12/10
•GPRS mobile station class B
•Compliant to GSM phase 2/2+
– Class 4 (2 W @ 850/900MHz)
– Class 1 (1 W @ 1800/1900MHz)
•Dimensions: 24*24*2.6mm
•Weight: 3.3g
•Control via AT commands (3GPP TS 27.007,
27.005 and SIMCOM enhanced AT Commands)
•Supply voltage range 3.4 ~ 4.4V
•Low power consumption
•Operation temperature:-40℃ ~85℃
Specifications for GPRS Data
•GPRS class 12: max. 85.6 kbps (downlink/uplink)
•PBCCH support
•Coding schemes CS 1, 2, 3, 4
•PPP-stack
•USSD
Specifications for SMS via GSM/GPRS
•Point to point MO and MT
•SMS cell broadcast
•Text and PDU mode
Software features
•0710 MUX protocol
•Embedded TCP/UDP protocol
•FTP/HTTP
•MMS
•POP3/SMTP
•DTMF
•Jamming Detection
•Audio Record
•SSL
•Bluetooth 3.0 (optional)
•TTS CN(optional)
•Embedded AT (optional)
Compatibility
•AT cellular command interface




Similar Part No. - SIM808

ManufacturerPart #DatasheetDescription
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
SIM800 Series AT Command Manual
2015-08-03
SIM800C SIMCOM-SIM800C Datasheet
1Mb / 52P
Hardware_Design_V1.02
2015-4-27
SIM800F SIMCOM-SIM800F Datasheet
142Kb / 1P
Dual-band 850/900/1800/1900MHz
SIM800H SIMCOM-SIM800H Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
SIM800L SIMCOM-SIM800L Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
More results


Similar Description - SIM808

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
GSM & GPRS MODEM
logo
Telit loT Solutions
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
GSM | GPRS Embedded
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
GSM | GPRS Embedded
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com