Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM808 Datasheet(PDF) 1 Page - SIMCom

Part # SIM808
Description  GSM/GPRSGPS Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM808 Datasheet(HTML) 1 Page - SIMCom

  SIM808 Datasheet HTML 1Page - SIMCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version:1005
All specifications are subject to change without prior notice.
SIM808 module is a complete Quad-Band GSM/GPRS module which combines GPS technology for satellite
navigation. The compact design which integrated GPRS and GPS in a SMT package will significantly save both time and
costs for customers to develop GPS enabled applications. Featuring an industry-standard interface and GPS function, it
allows variable assets to be tracked seamlessly at any location and anytime with signal coverage.
General features
•Quad-band 850/900/1800/1900MHz
•GPRS multi-slot class 12/10
•GPRS mobile station class B
•Compliant to GSM phase 2/2+
– Class 4 (2 W @ 850/900MHz)
– Class 1 (1 W @ 1800/1900MHz)
•Dimensions: 24*24*2.6mm
•Weight: 3.3g
•Control via AT commands (3GPP TS 27.007,
27.005 and SIMCOM enhanced AT Commands)
•Supply voltage range 3.4 ~ 4.4V
•Low power consumption
•Operation temperature:-40℃ ~85℃
Specifications for GPRS Data
•GPRS class 12: max. 85.6 kbps (downlink/uplink)
•PBCCH support
•Coding schemes CS 1, 2, 3, 4
•PPP-stack
•USSD
Specifications for SMS via GSM/GPRS
•Point to point MO and MT
•SMS cell broadcast
•Text and PDU mode
Software features
•0710 MUX protocol
•Embedded TCP/UDP protocol
•FTP/HTTP
•MMS
•POP3/SMTP
•DTMF
•Jamming Detection
•Audio Record
•SSL
•Bluetooth 3.0 (optional)
•TTS CN(optional)
•Embedded AT (optional)
Compatibility
•AT cellular command interface
Interfaces
•68 SMT pads including
•Analog audio interface
•PCM interface(optional)
•SPI interface (optional)
•RTC backup
•Serial interface
•USB interface
•Interface to external SIM 3V/1.8V
•Keypad interface
•GPIO
•ADC
•GSM Antenna pad
•Bluetooth Antenna pad
•GPS Antenna pad
Certifications
•CE
•FCC
SIM808
More about SIMCom SIM808
Please contact:
Tel: 86-21-32523300
Fax: 86-21-32523301
Email: simcom@sim.com
Website: www.sim.com/wm
GSM/GPRS+GPS Module
Specification for GPS
•Receiver type
-22 tracking /66 acquisition -channel
-GPS L1 C/A code
•Sensitivity
-Tracking: -165 dBm
-Cold starts : -148 dBm
•Time-To-First-Fix
-Cold starts: 32s (typ.)
-Hot starts: <1s
-Warm starts: 3s
•Accuracy
-Horizontal position : <2.5m CEP


Similar Part No. - SIM808

ManufacturerPart #DatasheetDescription
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
SIM800 Series AT Command Manual
2015-08-03
SIM800C SIMCOM-SIM800C Datasheet
1Mb / 52P
Hardware_Design_V1.02
2015-4-27
SIM800F SIMCOM-SIM800F Datasheet
142Kb / 1P
Dual-band 850/900/1800/1900MHz
SIM800H SIMCOM-SIM800H Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
SIM800L SIMCOM-SIM800L Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
More results

Similar Description - SIM808

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
GSM & GPRS MODEM
logo
Telit loT Solutions
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
GSM | GPRS Embedded
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
GSM | GPRS Embedded
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com