Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0502 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0502
Description  Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0502 Datasheet(HTML) 1 Page - DFROBOT

  DFR0502 Datasheet HTML 1Page - DFROBOT DFR0502 Datasheet HTML 2Page - DFROBOT DFR0502 Datasheet HTML 3Page - DFROBOT DFR0502 Datasheet HTML 4Page - DFROBOT DFR0502 Datasheet HTML 5Page - DFROBOT DFR0502 Datasheet HTML 6Page - DFROBOT DFR0502 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Gravity:IO Expansion & Motor Driver
Shield V1.1 SKU: DFR0502
Introduction
Gravity: IO Expansion & Motor Driver Shield V1.1
Gravity IO Expansion Shield with Motor Driver is a new product designed for Arduino Boards. It
combines IO Expansion Shield and DC Motor Driver Shield, equipped with Gravity sensor interface
and TB6612FNG dual motor driver. It also has XBee socket, I2C interface and UART port, makes
the connections more convenient.
With TB6612FNG dual channel motor driver IC, the shield can drive 2x1.2A DC motors at the same
time. It supports PWM speed control, each channel can output 1.2A continuous current and the peak
current can reach to 3.2A. It is compatible with majority micro DC motors in the market. It is a solid
choice for small intelligent robot controls, convenient and cost-effective.
Features
•
Compatible with Arduino UNO R3 Pinmap.
•
Gravity-3Pin interface, plug & play, esay to use.
•
Integrated XBee Slot, XBee, WiFi Bee, Bluetooth Bee compatible.
•
Program download switch will avoid serial occupancy during Arduino UNO/Mega downloading.
•
2x1.2A TB6612FNG DC motor driver (power from Vin port).


Similar Part No. - DFR0502

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR050 DUBILIER-DFR050 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR0504 DFROBOT-DFR0504 Datasheet
611Kb / 2P
Gravity: Analog Signal Isolator
9-19-17
DFR0505 DFROBOT-DFR0505 Datasheet
1Mb / 20P
SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
4-3-18
DFR0507 DFROBOT-DFR0507 Datasheet
676Kb / 28P
FireBeetle Covers OLED12864 Display SKU: DFR0507
7-16-18
DFR0508 DFROBOT-DFR0508 Datasheet
952Kb / 18P
FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
1-10-18
More results

Similar Description - DFR0502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
logo
SparkFun Electronics
DEV-09815 SPARKFUN-DEV-09815 Datasheet
104Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
DEV-14129 SPARKFUN-DEV-14129 Datasheet
92Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
logo
STMicroelectronics
X-NUCLEO-IHM05A1 STMICROELECTRONICS-X-NUCLEO-IHM05A1 Datasheet
264Kb / 4P
Bipolar stepper motor driver expansion board based on the L6208 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
X-CUBE-SPN2 STMICROELECTRONICS-X-CUBE-SPN2 Datasheet
219Kb / 4P
Two axis stepper motor driver software expansion for STM32Cube
20-Oct-2015
X-NUCLEO-IHM03A1 STMICROELECTRONICS-X-NUCLEO-IHM03A1 Datasheet
453Kb / 4P
High power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
08-Jun-2015
logo
SparkFun Electronics
DEV-14285 SPARKFUN-DEV-14285 Datasheet
273Kb / 3P
SparkFun Wireless Motor Driver Shield
10??3??7
logo
STMicroelectronics
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com