Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0502 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0502
Description  Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0502 Datasheet(HTML) 2 Page - DFROBOT

  DFR0502 Datasheet HTML 1Page - DFROBOT DFR0502 Datasheet HTML 2Page - DFROBOT DFR0502 Datasheet HTML 3Page - DFROBOT DFR0502 Datasheet HTML 4Page - DFROBOT DFR0502 Datasheet HTML 5Page - DFROBOT DFR0502 Datasheet HTML 6Page - DFROBOT DFR0502 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications
•
Digital interface: 14
•
Analog interface: 6
•
IIC interface: 2
•
SPI interface (compatible with Arduino UNO R3): 2
•
Serial port: 1
•
XBee Slot: 1
•
Output Current: 1.2A single channel continuous driving current
•
Start/ Peak Current: 2A (continuous pulse)/ 3.2A (monopoles)
•
Input Voltage: 12V (peak value)
•
Occupying Pins: D4, D5, D6, D7 (caution: the pin is occupied when control the motor)
•
Size: 68.5mm×53.3mm (2.7 inch×2.1 inch)
•
Weight: 36
Board Overview
PinOut
NumDescription
1 Digital interfaces
2 XBee interfaces
3 Analog interfaces
4 Power supply and reset interfaces
5 dual channel motor driving interfaces
6 SPI interfaces
7 Serial port interfaces
8 Programming switch (RUN: Running XBee; PROG: Sketch upload)
9 State indicators
10 IIC interfaces



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com