Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0504 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0504
Description  Gravity: Analog Signal Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0504 Datasheet(HTML) 1 Page - DFROBOT

  DFR0504 Datasheet HTML 1Page - DFROBOT DFR0504 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
Gravity: Analog Signal Isolator
SKU:DFR0504
 
 
INTRODUCTION
The Analog Signal Isolator can isolate analog signal and provide isolated power to sensors. It can effectively prevent
sensor signal interference and apply to multi-parameter water quality monitoring sensors. Because usually sensors
will be interfered by the other sensors during the measurement, especially those sensors in water quality monitoring
system. For example, pH sensor (pH meter) will be affected by the electrical conductivity sensor (EC meter).
The common solution is to isolate the power supply. Once you put them into the same container and share the same
power supply, their value won’t be interfered by each other.This analog signal isolator is designed for this situation, it
will isolate the analog signal and provide isolated power to the sensors. It has an on-board 5V isolated power IC, and
compatible with Gravity-3Pin interface, plug and play, no need for soldering. The transform rate is 1:1, which means
analog values in two sides should remain the same.


Similar Part No. - DFR0504

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR050 DUBILIER-DFR050 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR0502 DFROBOT-DFR0502 Datasheet
638Kb / 7P
Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
1-10-18
DFR0505 DFROBOT-DFR0505 Datasheet
1Mb / 20P
SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
4-3-18
DFR0507 DFROBOT-DFR0507 Datasheet
676Kb / 28P
FireBeetle Covers OLED12864 Display SKU: DFR0507
7-16-18
DFR0508 DFROBOT-DFR0508 Datasheet
952Kb / 18P
FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
1-10-18
More results

Similar Description - DFR0504

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75002 TOKO-TK75002 Datasheet
77Kb / 10P
ERROR SIGNAL ISOLATOR
logo
Gamewell-FCI by Honeywe...
XP95-LI GAMEWELL-FCI-XP95-LI Datasheet
72Kb / 2P
Analog XP95 line isolator with mounting base
logo
Agilent(Hewlett-Packard...
E4428C HP-E4428C Datasheet
826Kb / 22P
Analog Signal Generator
E8663B HP-E8663B Datasheet
277Kb / 20P
Analog Signal Generator
logo
PHOENIX CONTACT
2835367 PHOENIX-2835367 Datasheet
108Kb / 6P
Signal isolator - PI-EX-NAM/RNC-NE
2866006 PHOENIX-2866006 Datasheet
81Kb / 6P
Signal isolator - MACX MCR-EX-SL-NAM-NAM
2904089 PHOENIX-2904089 Datasheet
87Kb / 6P
Signal isolator - MACX MCR-SL-RPSS-2I-2I
logo
ABB
BC145 ABB-BC145 Datasheet
809Kb / 20P
SIGNAL ISOLATOR BOARD
logo
WAGO Kontakttechnik Gmb...
857-451 WAGO-857-451 Datasheet
587Kb / 11P
Passive isolator, 1-channel; Current input signal; Current output signal
logo
PHOENIX CONTACT
2835574 PHOENIX-2835574 Datasheet
102Kb / 4P
Signal isolator - PI-EX-NAM/TO
11/05/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com