Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0504 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0504
Description  Gravity: Analog Signal Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0504 Datasheet(HTML) 2 Page - DFROBOT

  DFR0504 Datasheet HTML 1Page - DFROBOT DFR0504 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gravity: Analog Signal Isolator Interface
The isolator is compatible with almost all analog output sensors of many types produced by DFRobot.
Caution:
1.MCU should provide 5.0±0.1V power supply and it decides the finial output precision.
2.The module will consume a large current when it is working, you’d better to use an external power supply.
3.The MAX output current of SEN terminal is 170mA.
4.The GNDs of SEN and MCU are isolated, please DO NOT connect them together.
5.It will be a little warm when it is working.
SPECIFICATION
 Operating Voltage: 5.0V
 Response Time: 4 seconds (Typ)
 Analog Error (both ends): <± 20mV (Typ)
 Interface Type: PH2.0-3P
 No load Current: 75mA
 Dimension: 42 * 32mm / 1.65 * 1.26 inch
 Non-isolated Terminal (Arduino Side)
Supply Voltage: 5.0 ± 0.1V
Analog Output: 0 ~ 5.0V
 Isolated Terminal (Sensor Side)
Output Voltage: 5.0 ± 0.2V
Analog Input: 0 ~ 5.0V
SHIPPING LIST
 Gravity: Analog Signal Isolator x1
 PH2.0-3P Cable x2 
 
 
                                           https://www.dfrobot.com/product‐1621.html 9‐19‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com