Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375AM6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STHS2375AM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375AM6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STHS2375AM6F Datasheet HTML 6Page - STMicroelectronics STHS2375AM6F Datasheet HTML 7Page - STMicroelectronics STHS2375AM6F Datasheet HTML 8Page - STMicroelectronics STHS2375AM6F Datasheet HTML 9Page - STMicroelectronics STHS2375AM6F Datasheet HTML 10Page - STMicroelectronics STHS2375AM6F Datasheet HTML 11Page - STMicroelectronics STHS2375AM6F Datasheet HTML 12Page - STMicroelectronics STHS2375AM6F Datasheet HTML 13Page - STMicroelectronics STHS2375AM6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Summary description
STHS237x
10/20
Figure 6.
STHS237xL block diagram
1.
STHS2376A/L devices only. The UVLO comparator is connected directly to the UVLO input pin instead of
the internal UVLO divider. For all other devices, pin 7 is NC (No Connect).
2.5V
PG Comparator
UVLO
Comp.
Current
Mirror
Current
Limit Amp.
Classification
Comparator
Detection
Comparator
SQ
R
+
–
+
–
+
–
EN
1:1
1
0
1 = Limiting
0 = Inrush
0 = Fault
VSS
RTN
DET
AI12246a
PG
8
7
1
4
3
2
6
5
22V
VDD
ILIM
UVLO
(1)
CLASS
1.5V
& 10V
Delay
150µs
2.5V
Thermal Shutdown,
Counter, and Latch
R
Q
S
10V
Regulator
+
–
+
–
+
–
12V
0.1
Ω
Normal Oper.
Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com