Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2375AM6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHS2375AM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375AM6F Datasheet(HTML) 1 Page - STMicroelectronics

  STHS2375AM6F Datasheet HTML 1Page - STMicroelectronics STHS2375AM6F Datasheet HTML 2Page - STMicroelectronics STHS2375AM6F Datasheet HTML 3Page - STMicroelectronics STHS2375AM6F Datasheet HTML 4Page - STMicroelectronics STHS2375AM6F Datasheet HTML 5Page - STMicroelectronics STHS2375AM6F Datasheet HTML 6Page - STMicroelectronics STHS2375AM6F Datasheet HTML 7Page - STMicroelectronics STHS2375AM6F Datasheet HTML 8Page - STMicroelectronics STHS2375AM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
July 2007
Rev 4
1/20
1
STHS2375A, STHS2375L, STHS2376A,
STHS2376L, STHS2377A, STHS2377L
IEEE 802.3af PoE Powered Device (PD) interface controller
Features
IEEE 802.3af-compliant interface for Powered
Devices (PDs)
Integrated 100V, 500mA power MOSFET
Resistor-programmable inrush current limit
Normal operation current limit 460mA
External 25k
Ω signature resistor
Resistor-programmable classification current
(Class 0-4)
Power Good output (active-high), open drain
Undervoltage Lockout (UVLO) - standard,
programmable, and legacy (see Table 1)
Thermal overload protection
Latch (L) or auto-retry (A) after hard current
overload or repetitive thermal overload
Industrial temperature range: –40 to +85°C
8-pin SO and 8-pin TSSOP packages
RoHS compliant
Applications
Voice over IP (VOIP) phones
Web cameras
WLAN access points
Internet appliances
POS terminals
RFID readers
SO8 (M)
8
1
TSSOP8 (DW)
Table 1.
Device options
Order code
External
signature
resistor (1%)
UVLO
UVLO
threshold,
rising (V)
UVLO
threshold,
falling (V)
Protection
mode
STHS2375A
24.9k
Ω
Standard
39.3
30.5
Auto
STHS2375L
24.9k
Ω
Standard
39.3
30.5
Latch
STHS2376A
24.9k
Ω
Programmable
2.49
1.93
Auto
STHS2376L
24.9k
Ω
Programmable
2.49
1.93
Latch
STHS2377A
24.9k
Ω
Legacy
35.1
30.5
Auto
STHS2377L
24.9k
Ω
Legacy
35.1
30.5
Latch
www.st.com


Similar Part No. - STHS2375AM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
STHS4257A1 STMICROELECTRONICS-STHS4257A1 Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
STHS4257L STMICROELECTRONICS-STHS4257L Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
STHS4257L1 STMICROELECTRONICS-STHS4257L1 Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
More results

Similar Description - STHS2375AM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
26-Jul-2007
logo
ON Semiconductor
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
ON Semiconductor
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com