Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS34PF80 Datasheet (PDF) - STMicroelectronics

STHS34PF80 Datasheet PDF - STMicroelectronics
Part # STHS34PF80
Download  STHS34PF80 Download
File Size   1104.75 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, high-sensitivity infrared sensor for presence and motion detection

STHS34PF80 Datasheet (PDF)

Go To PDF Page Download Datasheet
STHS34PF80 Datasheet PDF - STMicroelectronics

Part # STHS34PF80
Download  STHS34PF80 Click to download

File Size   1104.75 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, high-sensitivity infrared sensor for presence and motion detection

STHS34PF80 Datasheet (HTML) - STMicroelectronics


STHS34PF80 Product details

Features
Key features
• High-sensitivity, infrared presence and motion sensor
• Reach up to 4 meters without lens for objects of 70 x 25 cm² and up to 6 meters
for assumable human body size
• Integrated silicon IR filter
• SMD friendly
• Capable of detecting stationary objects
• Capable of distinguishing between stationary and moving objects
• 80° field of view
• Factory calibrated
• Low power
• Embedded smart algorithm for presence / motion detection
Electrical specifications
• Supply voltage: 1.7 V to 3.6 V
• Supply current: 10 μA
• 2-wire I²C / 3-wire SPI serial interface
• Programmable ODRs from 0.25 Hz to 30 Hz
• One-shot mode
Sensing specifications
• IR sensitivity: 2000 LSB/°C
• Noise: 120 LSBp-p
• Operating wavelength: 5 μm to 20 μm
• Local temperature sensor accuracy: ±0.5 °C
Package specifications
• Organic LGA 3.2 x 4.2 x 1.455 (max) mm, 10 leads
• ECOPACK, RoHS and “Green” compliant

Description
The STHS34PF80 is an uncooled, factory calibrated, IR sensor with operating
wavelength between 5 μm and 20 μm.
The STHS34PF80 sensor has been designed to sense accurately the absolute
temperature of objects within its field of view. The information is digitally processed
by the ASIC which can be programmed to monitor motion, presence or an
overtemperature condition.
Thanks to its exceptional sensitivity, the STHS34PF80 can detect human presence at
a distance up to 6 meters without the need of a Fresnel lens.
The STHS34PF80 is housed in a small 3.2 x 4.2 x 1.455 (max) mm 10-lead organic
LGA package.

Applications
• Alarm / Security systems
• Home automation
• Smart lighting
• IoT
• Smart lockers
• Smart wall pads




Similar Part No. - STHS34PF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375ADW6E STMICROELECTRONICS-STHS2375ADW6E Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375ADW6F STMICROELECTRONICS-STHS2375ADW6F Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375AM6E STMICROELECTRONICS-STHS2375AM6E Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
STHS2375AM6F STMICROELECTRONICS-STHS2375AM6F Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
More results


Similar Description - STHS34PF80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
Passive Infrared Motion Sensor
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
High Sensitivity Enables Detection of Stationary Human Presence
logo
Panasonic Semiconductor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
Passive Infrared Motion Sensor
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com