Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS34PF80 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics STHS34PF80 Datasheet HTML 10Page - STMicroelectronics STHS34PF80 Datasheet HTML 11Page - STMicroelectronics STHS34PF80 Datasheet HTML 12Page - STMicroelectronics STHS34PF80 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
6
Soldering guidelines
The soldering profile depends on the number, size and placement of components on the application board. For
this reason, it is not possible to define a unique soldering profile for the sensor only. The customer should use a
time and temperature reflow profile based on PCB design and manufacturing expertise. In any case, the soldering
profile should not exceed profiles as specified in Jedec J-STD-020.
LGA packages show metal traces on the side of the package so solder material must be avoided on the side of
package during reflow.
The product package is not sealed as there is a 0.1 mm hole on the bottom of the package as illustrated in
Figure 7. OLGA-10L (3.2 x 4.2 x 1.455 mm) package outline and mechanical data. A dry reflow process such as
convection reflow is recommended. Vapor phase reflow is not suitable for this type of optical component.
‘No-wash’ assembly process has to be used. “Self-cleaning” / “no flux” solder paste are to be used.
The product top surface can be eventually protected by suitable tape during reflow and other manufacturing steps
to avoid contamination or scratches on the optical filter section of the component.
For land pattern and soldering recommendations, consult technical note TN0018 available on www.st.com.
STHS34PF80
Soldering guidelines
DB4312 - Rev 1
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com