Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS34PF80 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 4 Page - STMicroelectronics

  STHS34PF80 Datasheet HTML 1Page - STMicroelectronics STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2
Pin description
Figure 2. Pin configuration (package bottom view)
Table 1. Pin description
Pin number
Name
Function
1
SCL / SPC
I²C / SPI serial interface clock
2
RES
Reserved (connect to GND)
3
CS
I²C / SPI interface selection (1: I²C enabled; 0: SPI enabled)
4
SDA / SDI/O
I²C / SPI serial data line
5
NC
Leave floating (do not connect)
6
VDD
Power supply
7
GND
0 V supply
8
GND
0 V supply
9
VDD
Power supply
10
INT
Interrupt signal
STHS34PF80
Pin description
DB4312 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com