Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS34PF80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 3 Page - STMicroelectronics

  STHS34PF80 Datasheet HTML 1Page - STMicroelectronics STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1
Overview
The STHS34PF80 is an infrared sensor that can be used to detect the presence of stationary and moving objects
as well as overtemperature conditions. It measures the object's IR radiation with unique TMOS technology to
detect its presence or motion when the object is inside the field of view.
An optical band-pass filter is deposited over the sensor limiting its operating range within the wavelengths of 5 µm
and 20 µm, making it insensitive to visible light and other bands.
The sensor is based on a matrix of floating vacuum thermal transistors MOS (TMOS) connected together and
acting as a single sensing element. A state-of-the-art thermal isolation is achieved thanks to ST's unique MEMS
manufacturing technologies, allowing the sensor to translate the smallest temperature changes into electrical
signals that, in turn, are fed to the ASIC.
The sensor is split into two parts, one exposed to IR radiation and the other one shielded. Differential reading
between the two parts is implemented to remove the effect of sensor self-heating.
The STHS34PF80 embeds a high-accuracy temperature sensor to measure the ambient temperature and
compensate for heating of the device / application.
The ASIC also implements dedicated smart processing to detect / discriminate between stationary and moving
objects and which can assert dedicated interrupts.
Different ODRs from 0.25 Hz to 30 Hz and a one-shot mode are available.
The STHS34PF80 is equipped with an I²C / 3-wire SPI interface and is housed in an OLGA 3.2 x 4.2 x 1.455 mm
10L package compatible with SMD mounting.
The field of view guaranteed by the package is 80°.
Figure 1. Block diagram
TMOS
Sensor
TMOS Analog
Front
End
ADC1
Temperature
Sensor
ADC2
Digital
Logic
(Registers / LPF
etc..)
I2C
SPI
Digital Interface
Interrupt
Power
management
Clock generator
Voltage &
Current bias
Calibration
registers
CS
SCL/SPC
SDA/SDI/O
INT
STHS34PF80
Overview
DB4312 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com