Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS34PF80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 2 Page - STMicroelectronics

  STHS34PF80 Datasheet HTML 1Page - STMicroelectronics STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Description
The STHS34PF80 is an uncooled, factory calibrated, IR sensor with operating
wavelength between 5 µm and 20 µm.
The STHS34PF80 sensor has been designed to sense accurately the absolute
temperature of objects within its field of view. The information is digitally processed
by the ASIC which can be programmed to monitor motion, presence or an
overtemperature condition.
Thanks to its exceptional sensitivity, the STHS34PF80 can detect human presence at
a distance up to 6 meters without the need of a Fresnel lens.
The STHS34PF80 is housed in a small 3.2 x 4.2 x 1.455 (max) mm 10-lead organic
LGA package.
STHS34PF80
DB4312 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com