Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2376LM6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHS2376LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2376LM6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHS2376LM6F Datasheet HTML 7Page - STMicroelectronics STHS2376LM6F Datasheet HTML 8Page - STMicroelectronics STHS2376LM6F Datasheet HTML 9Page - STMicroelectronics STHS2376LM6F Datasheet HTML 10Page - STMicroelectronics STHS2376LM6F Datasheet HTML 11Page - STMicroelectronics STHS2376LM6F Datasheet HTML 12Page - STMicroelectronics STHS2376LM6F Datasheet HTML 13Page - STMicroelectronics STHS2376LM6F Datasheet HTML 14Page - STMicroelectronics STHS2376LM6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STHS237x
Absolute maximum ratings STHS237xA, STHS237xL
11/20
2
Absolute maximum ratings STHS237xA, STHS237xL
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Over the full operating temperature range, unless otherwise noted. Voltages are referenced
to the VSS pin.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Voltage
VVDD, VRTN
Voltage on the respective pins, referenced
to VSS pin
–0.3 to 100
V
VDET, VPG
(1)
1. IRTN = 0
–0.3 to 90
V
VUVLO
–0.3 to10
V
VILIM
(2)
2. Voltage output, do not apply external voltage to the CLASS and ILIM pins.
–0.3 to 3
V
VCLASS
(2)
–0.3 to 12
V
Current, sinking
IRTN
Current sunk by the respective pins
0 to 515
mA
IPG
0 to 10
mA
IDET
0 to 1
mA
Current, sourcing
ICLASS
Current sourced by the respective pins
0 to 100
mA
IILIM
0 to 1
mA
ESD
VHBM
ESD Capability, Human body model
2
kV
VCDM
ESD Capability, Charged device model
500
V
Temperature
TA
Operating ambient temperature range
–40 to 85
°C
TJ
Maximum junction temperature
Internally
limited
°C
TSTG
Storage temperature
–55 to 150
°C
TSLD
Lead solder temperature for 10 seconds,
lead-free lead finish (3)
3. Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C for more than
30 seconds).
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com