Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2376LM6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STHS2376LM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2376LM6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STHS2376LM6F Datasheet HTML 9Page - STMicroelectronics STHS2376LM6F Datasheet HTML 10Page - STMicroelectronics STHS2376LM6F Datasheet HTML 11Page - STMicroelectronics STHS2376LM6F Datasheet HTML 12Page - STMicroelectronics STHS2376LM6F Datasheet HTML 13Page - STMicroelectronics STHS2376LM6F Datasheet HTML 14Page - STMicroelectronics STHS2376LM6F Datasheet HTML 15Page - STMicroelectronics STHS2376LM6F Datasheet HTML 16Page - STMicroelectronics STHS2376LM6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STHS237x
Electrical parameters STHS237xA, STHS237xL
13/20
Table 6.
DC characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Detection
Offset current
DET open, VVDD = VRTN = 1.9V, measure
IVDD + IRTN
0.3
3
µA
Sleep current
DET open, VVDD = VRTN = 10.1V, measure
IVDD + IRTN
412
µA
IIL(DET)
DET pin leakage current VDET = VVDD = 57V, measure IDET
0.1
5
µA
IDET
Detection current
VRTN = VVDD, RDET = 24.9kΩ,
measure IVDD + IRTN + IDET
VVDD = 1.4V
53.7
56
58.3
µA
VVDD = 10.1V
395
410
417
µA
Classification
ICLASS
Classification current(1)
RCLASS = 4420Ω, VVDD = 13 to 21V
2.2
2.4
2.8
mA
RCLASS = 953Ω, VVDD = 13 to 21V
10.3
10.6
11.3
mA
RCLASS = 549Ω, VVDD = 13 to 21V
17.7
18.3
19.5
mA
RCLASS = 357Ω, VVDD = 13 to 21V
27.1
28.0
29.5
mA
RCLASS = 255Ω, VVDD = 13 to 21V
38.0
39.4
41.2
mA
VCL(ON)
Classification lower
threshold
Regulator turns on, VVDD rising
10.2
11.3
13.0
V
VCU(OFF)
Classification upper
threshold
Regulator turns off, VVDD rising
21
21.9
23
V
VCU(H)
Hysteresis
0.5
0.78
1
V
IIL(CLASS)
CLASS pin leakage
current
VCLASS = 0V, VVDD = 57V
1
µA
Pass device
RDS(ON)
On resistance
IRTN = 300mA
0.72
1.0
Ω
IRTN(L)
RTN pin leakage current
VVDD = VRTN = 30V (VUVLO = 0V for
STHS2376x)
15
µA
ILIM(N)
Normal operation
current limit
VRTN = 1V
405
461
515
mA
ILIM(I)
Inrush mode current
limit
VRTN = 2V, RILIM = 178kΩ
100
130
180
mA
Inrush current
termination(2)
VRTN falling, RILIM = 178kΩ, inrush mode to
normal operation mode
85
91
100
%
Current rise time to
inrush(3)
RILIM = 69.8kΩ, VRTN-VSS = 5V, IRTN = 30 →
300mA, VVDD increasing past upper UVLO
15
34
µs
IIL(ILIM)
ILIM pin leakage current VVDD = 15V, VUVLO = 0V
1
µA
Power Good (PG)
VRTN(LO R)
RTN latch off voltage,
rising(4)
VRTN rising
9.5
10.0
10.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com