Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSDRH125B-R82MHF Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCSDRH125B-R82MHF
Description  SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSDRH125B-R82MHF Datasheet(HTML) 2 Page - Multicomp Pro

  MCSDRH125B-R82MHF Datasheet HTML 1Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 2Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 3Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 4Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
03/12/19
SMD Power Inductors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
OCL
(µH)
±20%
DCR
(Ω)
(Typical)
DCR
(Ω)
(Maximum)
lsat
(A)
at 25 C
L at lsat
(µH)
(Typical)
lrms
(A)
at 25°C
L at lrms
(µH)
(Typical)
Part Number
330
1.59
1.908
0.44
252.7
0.48
219.9
MCSDRH73B-331MHF
470
2.17
2.604
0.37
320.2
0.41
263.7
MCSDRH73B-471MHF
680
3.12
3.744
0.31
542.1
0.34
467.3
MCSDRH73B-681MHF
820
4.01
4.812
0.28
591.3
0.3
515.5
MCSDRH73B-821MHF
1000
5.06
6.072
0.25
679.9
0.27
578.4
MCSDRH73B-102MHF
0.82
0.0039
0.0047
24.2
0.659
15.5
0.807
MCSDRH125B-R82MHF
1.5
0.0052
0.00625
18.5
1.12
13.3
1.4
MCSDRH125B-1R5MHF
2.2
0.0064
0.0077
14.8
1.75
12
2.05
MCSDRH125B-2R2MHF
3.3
0.0079
0.0095
12.6
2.65
10.8
2.95
MCSDRH125B-3R3MHF
4.7
0.0107
0.01285
10.1
3.6
9.3
4
MCSDRH125B-4R7MHF
6.8
0.0119
0.0143
8.4
5.75
8.8
5.5
MCSDRH125B-6R8MHF
8.2
0.0156
0.0187
7.6
6.6
7.7
6.5
MCSDRH125B-8R2MHF
10
0.0164
0.0197
6.9
8.3
7.5
7.45
MCSDRH125B-100MHF
15
0.0268
0.0322
5.65
11.2
5.8
10.77
MCSDRH125B-150MHF
22
0.0318
0.0382
4.7
18.7
5.4
15.3
MCSDRH125B-220MHF
33
0.0445
0.0534
4
26.65
4.5
21.7
MCSDRH125B-330MHF
47
0.0659
0.079
3.2
37.95
3.7
29.4
MCSDRH125B-470MHF
68
0.0991
0.119
2.7
55.6
3.05
45.3
MCSDRH125B-680MHF
82
0.121
0.145
2.4
67
2.75
52
MCSDRH125B-820MHF
100
0.155
0.186
2.2
79
2.4
66.7
MCSDRH125B-101MHF
150
0.217
0.26
1.8
124.8
2.05
98
MCSDRH125B-151MHF
220
0.321
0.385
1.5
182.4
1.7
148
MCSDRH125B-221MHF
330
0.434
0.52
1.2
284
1.45
206.5
MCSDRH125B-331MHF
470
0.627
0.753
1
402
1.2
293
MCSDRH125B-471MHF
680
0.888
1.066
0.85
548
1
404
MCSDRH125B-681MHF
820
1.093
1.312
0.76
680
0.92
511
MCSDRH125B-821MHF
1000
1.409
1.69
0.69
801
0.8
610
MCSDRH125B-102MHF
Note:
1. OCL (Open Circuit Inductance) and L at Irms and L at Isat and DCR are measured at: 100kHz, 0.25V at 25°C.
2. Isat : DC current that causes inductance to drop by approximately 30% from OCL; (Ta = 25°C).
3. Irms : DC current that causes an approximate temperature rise (ΔT) of 40°C; (Ta = 25°C).
4. Inductance Vs. DC bias curve, please see the next page to get more detail information.
5. Inductance tolerance: ±20%, Base type: Plastic.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com