Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSDRH125B-R82MHF Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCSDRH125B-R82MHF
Description  SMD Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSDRH125B-R82MHF Datasheet(HTML) 1 Page - Multicomp Pro

  MCSDRH125B-R82MHF Datasheet HTML 1Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 2Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 3Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 4Page - Multicomp Pro MCSDRH125B-R82MHF Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
03/12/19
SMD Power Inductors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Ferrite based SMD inductor with lower core loss.
• Ideal for LCD driver, DSC/DVC, Notebook PC or High density board design.
• Operating temperature range -55°C to + 130°C.
MCSDRH73B - Series
• High current output chokes, up to 8 amperes with about 30% roll off.
• Low profile 3.55mm maximum height.
• Foot print : 7.6mm × 7.6mm maximum.
MCSDRH125B - Series
• High current output chokes, up to 24.2 amperes with about 30% roll off.
• Low profile 6mm maximum height.
• Foot print : 12.5mm × 12.5mm maximum.
Applications
• Integrated DC/DC converter.
• Notebook computers.
• Excellent for power line DC-DC conversion application used in hard disk, notebook computers and other electronic
equipment.
Electrical Characteristics
OCL
(µH)
±20%
DCR
(Ω)
(Typical)
DCR
(Ω)
(Maximum)
lsat
(A)
at 25 C
L at lsat
(µH)
(Typical)
lrms
(A)
at 25°C
L at lrms
(µH)
(Typical)
Part Number
1
0.0091
0.0109
8
0.785
6.5
0.89
MCSDRH73B-1R0MHF
1.5
0.0125
0.015
6.52
1.186
5.54
1.325
MCSDRH73B-1R5MHF
2.2
0.018
0.0216
5.52
1.7
4.6
1.95
MCSDRH73B-2R2MHF
3.3
0.023
0.0276
4.4
2.69
4.08
2.84
MCSDRH73B-3R3MHF
4.7
0.0297
0.0356
3.78
3.63
3.65
3.8
MCSDRH73B-4R7MHF
6.8
0.0415
0.0498
3.12
5.53
3.04
5.66
MCSDRH73B-6R8MHF
8.2
0.0525
0.063
2.8
6.5
2.7
6.7
MCSDRH73B-8R2MHF
10
0.0656
0.0787
2.5
8.16
2.35
8.48
MCSDRH73B-100MHF
15
0.08
0.096
2.05
10.3
2.12
9.65
MCSDRH73B-150MHF
22
0.108
0.13
1.67
15.25
1.83
13.9
MCSDRH73B-220MHF
33
0.166
0.199
1.35
24.75
1.48
19.75
MCSDRH73B-330MHF
47
0.231
0.277
1.14
33.2
1.25
27.9
MCSDRH73B-470MHF
68
0.331
0.397
0.96
48
1.04
41.33
MCSDRH73B-680MHF
82
0.41
0.492
0.89
55.05
0.94
49.3
MCSDRH73B-820MHF
100
0.491
0.589
0.79
71
0.86
60.33
MCSDRH73B-101MHF
150
0.751
0.901
0.65
100.8
0.69
88.9
MCSDRH73B-151MHF
220
1.05
1.26
0.53
156.3
0.59
126
MCSDRH73B-221MHF


Similar Part No. - MCSDRH125B-R82MHF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCSDRH73B-100MHF ETC-MCSDRH73B-100MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-101MHF ETC-MCSDRH73B-101MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-102MHF ETC-MCSDRH73B-102MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-150MHF ETC-MCSDRH73B-150MHF Datasheet
204Kb / 3P
Inductor
MCSDRH73B-151MHF ETC-MCSDRH73B-151MHF Datasheet
204Kb / 3P
Inductor
More results

Similar Description - MCSDRH125B-R82MHF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com