Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5022211-R Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # K5022211-R
Description  SENCITY® Road VHF Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

K5022211-R Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  K5022211-R Datasheet HTML 1Page - Huber+Suhner, Inc. K5022211-R Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Data
Environmental conditions
outdoor
Operation temperature (°C)
-40 to 85
Storage temperature (°C)
-55 to 85
IP rating
IP66
Flammability rating
EN 45545-2
2011/65/EU (RoHS - including
2015/863 and 2017/2102)
compliant
WEEE 2012/19/EU
no special marking needed
REACH 1907/2006/EC
compliant
Environmental tests: ISO 50155
Material Data
Radome colour
grey
Back plate/base plate colour
black
Back plate/base plate material
Aluminium
Related Documents
Mounting instruction
DOC-0000851877
Painting instruction
DOC-0000256180
Security instruction
DOC-0000278984
Outline drawing
DOU-00485617
3D-model
DOC-0000914708
www.hubersuhner.com
HUBER+SUHNER is certified according to ISO 9001, ISO 14001, AS/EN9100, ISO/TS 16949 and IRIS.
Waiver: Fact and figures herein are for information only and do not represent any warranty of any kind.
Data Sheet
SENCITY® Road VHF Antenna
K5022211-R
Page 2/2
Document: DOC-0000913249 D / PDO C.00 / date of publication: 03.06.2021 10:20:05 / uncontrolled copy



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com