Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5022211-R Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # K5022211-R
Description  SENCITY® Road VHF Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

K5022211-R Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  K5022211-R Datasheet HTML 1Page - Huber+Suhner, Inc. K5022211-R Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Broadband vehicle VHF antenna for bus and tram.
Support VHF band within 143-162 MHz.
Rugged design with fiberglass radome.
Meets EN 50155 Railway Standard.
Fire retardant according to EN 45545-2.
Gain dB 0 (ref. to the quarter-wave antenna).
Product Configuration
Technical Data
Electrical Data
Band 1
Band Name
FM
Frequency (MHz)
143 - 162
VSWR
2
Impedance (Ohm)
50
Composite power max (W) 100
Ambient temperature (°C)
50
Ports
Port 1
Port name
FM
Connector
N, jack (female)
Polarization
vertical
DC grounded
Yes
Connections
Band 1
Port 1
X
General Data
Requires mounting on a conductive surface 1.0 x 2.0 m minimum with 3 studs M10 and counterflange.
Recommended torque: 14 Nm. Preferred frequency range 146-156 MHz with VSWR <<2.
Note: No superstructures in this area.
Mechanical Data
Dimensions (mm)
225 x 252 x 126 (Heigth x Width x Depth)
Weight (kg)
1.2
Radiator and Base: Aluminum.
Radome: Fiberglass, colour: Grey.
Studs and all screws and nuts: Stainless steel.
Sealing: Neoprene and polyurethane.
Note: Don’t use detergents that might harm the sealing.
DC grounded to protect against lightning.
Packaging size (outside): 260 x 260 x 130 mm
Data Sheet
SENCITY® Road VHF Antenna
K5022211-R
Page 1/2
Document: DOC-0000913249 D / PDO C.00 / date of publication: 03.06.2021 10:20:05 / uncontrolled copy


Similar Part No. - K5022211-R

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
K5022221-R HUBERSUHNER-K5022221-R Datasheet
780Kb / 2P
SENCITY® Road VHF Antenna
03.06.2021
More results

Similar Description - K5022211-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1812 ETC2-A1812 Datasheet
12Kb / 1P
VHF NO GROUND PLANE ANTENNA
logo
Harris Corporation
RF-387-AT002 HARRIS-RF-387-AT002 Datasheet
305Kb / 2P
VHF VEHICULAR WHIP ANTENNA
RF-3191-AT001 HARRIS-RF-3191-AT001 Datasheet
648Kb / 2P
RAPIDLY DEPLOYABLE VHF ANTENNA
RF-9070 HARRIS-RF-9070 Datasheet
251Kb / 2P
VHF/UHF BICONICAL HIGH-POWER ANTENNA
RF-9072-AT001 HARRIS-RF-9072-AT001 Datasheet
350Kb / 2P
LOW-BAND VHF DISCONE ANTENNA
logo
List of Unclassifed Man...
RG01261500Q ETC2-RG01261500Q Datasheet
712Kb / 11P
Road Marker Quad Band Cellular Antenna
RI01261500Q ETC2-RI01261500Q Datasheet
650Kb / 11P
915MHz Road Marker Antenna
logo
World Produts Inc.
WPANT30036-RA WPI-WPANT30036-RA Datasheet
100Kb / 2P
200 MHz VHF Whip Antenna
WPANT30068-RA WPI-WPANT30068-RA Datasheet
77Kb / 2P
143 MHz VHF Whip Antenna
logo
NXP Semiconductors
MC44BC380 NXP-MC44BC380 Datasheet
478Kb / 10P
VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com