Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3150RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3150RL
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150RL Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3150RL Datasheet HTML 1Page - STMicroelectronics STPS3150RL Datasheet HTML 2Page - STMicroelectronics STPS3150RL Datasheet HTML 3Page - STMicroelectronics STPS3150RL Datasheet HTML 4Page - STMicroelectronics STPS3150RL Datasheet HTML 5Page - STMicroelectronics STPS3150RL Datasheet HTML 6Page - STMicroelectronics STPS3150RL Datasheet HTML 7Page - STMicroelectronics STPS3150RL Datasheet HTML 8Page - STMicroelectronics STPS3150RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2007
Rev 4
1/10
10
STPS3150
Power Schottky rectifier
Main product characteristics
Features and benefits
■ Negligible switching losses
■ Low forward voltage drop for higher efficiency
and extented battery life
■ Low thermal resistance
Description
150 V Power Schottky rectifier are suited for
switch mode power supplies on up to 24 V rails
and high frequency converters.
Packaged in Axial, SMB, and low-profile SMB, this
device is intended for use in consumer and
computer applications like TV, STB, PC and DVD
where low drop forward voltage is required to
reduce power dissipation.
Order Codes
IF(AV)
3 A
VRRM
150 V
Tj (max)
175° C
VF (max)
0.67 V
Part Number
Marking
STPS3150U
G315
STPS3150
STPS3150
STPS3150RL
STPS3150
STPS3150UF
FG315
K
A
K
A
K
A
SMB
STPS3150U
DO-201AD
STPS3150
SMB flat
STPS3150UF
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(AV)
Average forward current
SMB
TL = 130° C δ = 0.5
3
A
DO-201AD
TL = 140° C δ = 0.5
SMB flat
TL = 150° C δ = 0.5
IFSM
Surge non repetitive forward current
SMB
tp = 10 ms sinusoidal
100
A
DO-201AD
150
SMB flat
100
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
° C
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS3150RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150RL STMICROELECTRONICS-STPS3150RL Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
STPS3150RL STMICROELECTRONICS-STPS3150RL Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
More results

Similar Description - STPS3150RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com