Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH200R04TV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH200R04TV
Description  Ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200R04TV Datasheet(HTML) 2 Page - STMicroelectronics

  STTH200R04TV Datasheet HTML 1Page - STMicroelectronics STTH200R04TV Datasheet HTML 2Page - STMicroelectronics STTH200R04TV Datasheet HTML 3Page - STMicroelectronics STTH200R04TV Datasheet HTML 4Page - STMicroelectronics STTH200R04TV Datasheet HTML 5Page - STMicroelectronics STTH200R04TV Datasheet HTML 6Page - STMicroelectronics STTH200R04TV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH200R04TV
2/7
1
Characteristics
When the diodes are used simultaneously:
ΔTj(diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.8 x IF(AV) + 0.003 x IF
2
(RMS)
Table 1.
Absolute ratings (limiting values per diode at 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
VRSM
Non repetitive peak reverse voltage
400
V
IF(RMS)
RMS forward current
Per diode
150
A
IF(AV)
Average forward current,
δ = 0.5
Per diode
Tc = 80° C
100
A
Per package
Tc = 65° C
200
A
IFRM
Repetitive peak forward current
tp = 5 µs, F = 1 kHz square
2000
A
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
1000
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.50
° C/W
Total
0.30
Rth(c)
Coupling thermal resistance
0.1
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
80
µA
Tj = 125° C
80
800
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 100 A
1.35
V
Tj = 100° C
0.95
1.2
Tj = 150° C
0.87
1.1
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com