Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH200R04TV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH200R04TV
Description  Ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200R04TV Datasheet(HTML) 4 Page - STMicroelectronics

  STTH200R04TV Datasheet HTML 1Page - STMicroelectronics STTH200R04TV Datasheet HTML 2Page - STMicroelectronics STTH200R04TV Datasheet HTML 3Page - STMicroelectronics STTH200R04TV Datasheet HTML 4Page - STMicroelectronics STTH200R04TV Datasheet HTML 5Page - STMicroelectronics STTH200R04TV Datasheet HTML 6Page - STMicroelectronics STTH200R04TV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH200R04TV
4/7
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
0
25
50
75
100
125
150
175
200
225
250
275
300
10
100
1000
t
RR(ns)
I
F= 100A
V
R=320V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
100
200
300
400
500
t
FR(ns)
I
F=100A
V
FR=1.5 x VF max.
T
j=125°C
dIF/dt(A/µs)
Figure 7.
Relative variations of dynamic
parameters versus junction
temperature
Figure 8.
Transient peak forward voltage
versus dIF/dt (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
I
RM
Q
RR
I
F= 100A
V
R=320V
Tj(°C)
Q
[T ]/Q
[T = 125° C] and I
RR
j
RR
j
RM
j
RM
j
[T ]/I
[T = 125° C]
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=100A
T
j=125°C
dIF/dt(A/µs)
Figure 9.
Forward recovery time versus dIF/dt
(typical values)
Figure 10.
Junction capacitance versus
reverse voltage applied (typical
values)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
100
200
300
400
500
t
FR(ns)
I
F=100A
V
FR=1.1 x VF max.
T
j=125°C
dIF/dt(A/µs)
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com