Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIPF13UHFX Datasheet(PDF) 20 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 20 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 16Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 17Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 18Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 19Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 20Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 21Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 22Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 23Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 24Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Fiber Systems
182 More information online at bannerengineering.com
Plastic Fiber Optics
Plastic Fiber Optics
• Provide an economical alternative to glass fiber optics for
piping photoelectric sensing light to and from confined
areas with suitable environments
• Ideal for detecting small objects
• Withstand repeated flexing and bending
• Available in individual or bifurcated styles*
• Available with optional DURA-BEND™ fibers for improved
flexibility for difficult-to-access locations, without the
decreased performance to which excessively bent standard
plastic fibers optics are prone
• Available with core diameters of 0.25, 0.50, 0.75, 1.0 and
1.5 mm
* All individual plastic fiber optics are sold and used in pairs. Bifurcated fibers are two-way fibers with a single sensing end that both emits and receives light and with dual-
control sensor ends that attach separately to the sensor’s LED and photodetector.
** Plastic fibers with “U” in the suffix of the model numbers have unterminated control ends; cut them to the required length. Use supplied cutter.
FIBER CORE DIAMETER designator
1 = 0.25 mm
2 = 0.50 mm
3 = 0.75 mm
4 = 1.00 mm
6 = 1.50 mm
1X4 = 4 x 0.25 mm
1X16 = 16 x 0.265 mm
1X32 = 32 x 0.265 mm
CONTROL END designator
T5 = Terminated
TMB5 = STEELSKIN™ braiding over monocoil reinforcement
U = Unterminated straight cable**
UC = Unterminated Coiled cable
UHF = Unterminated DURA-BEND™ multi-core cable
ASSEMBLY STYLE designator
B = Bifurcated fiber
I = Individual fiber*
DI = Dual Individual fiber*
FIBER LENGTH designator
3 = 1 m (1000 mm)
6 = 2 m (2000 mm)
100 = 30 m (30480 mm)
MODIFICATIONS designator
“MXX” = Sensing end tip modification
SENSING END designator
A = 90° Angle
AT = 90° Angle/Thread
CF = Coaxial Ferrule
CT = Coaxial Thread
E = Encapsulated
EFP = Extended Ferrule Probe
F = Ferrule
FM = Ferrule Miniature
FMP = Ferrule Miniature Probe
L = Lensed
P = Probe
PF = Probe Ferrule
PMSB = Probe Miniature Side-view Bendable
PS = Probe Side-view
PSB = Probe Side-view Bendable
PSM = Probe Side-view Miniature
R = Rectangular
RS = Rectangular Side-view
T = Thread
TA = Thread/90° Angle
TP = Thread/Probe
PLASTIC FIBER FAMILY designator
Same for all plastic fibers
P B P 4 6 U C X
Plastic Fiber Optic Model Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com