Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIPF13UHFX Datasheet(PDF) 33 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 33 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 29Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 30Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 31Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 32Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 33Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 34Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 35Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 36Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 37Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Fiber Systems
195
More information online at
bannerengineering.com
Plastic Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
12
PIAT43TMB5
Detailed Dimensions Online
16.5
ø 1.5
25.0
R 12.6
ø2.9
Stainless Braid
Over Monocoil
14.0
ø 4.0
ø 3.2
stainless
steel
22.9
30.0
1000
15.5
ø 4.6
stainless
steel
ø 2.2
14.0
3.0
M4 x 0.7
stainless steel
M2.5 x 0.45
200
800
400
600
1000
• 90° Angle/Thread
1.0
12
PIF43TMB5
Detailed Dimensions Online
ø2.9 Stainless Braid
Over Monocoil
15.0
ø 4.0
ø 3.0
stainless
steel
6.6
30.0
1000
15.5
ø 4.6
ø 2.2
200
800
400
600
1000
• Smooth ferrule
1.0
12
PIPS43TMB5
Detailed Dimensions Online
ø2.9
Stainless Braid
Over Monocoil
21.3
51
stainless
steel
30.0
1000
ø 4.6
15.5
2.5
3.2
ø 4.0
stainless steel
(non-bendable)
probe
ø 2.2
ø 3.2
ø 1.5
100
50
400
350
150
250
200
300
450
• Smooth ferrule;
non-bendable tip
1.0
12
PIT43TMB5
Detailed Dimensions Online
ø2.9
Stainless Braid
Over Monocoil
ø4.0
30.0
1000
13.0
3.0
M2.5 x 0.45
15.5
22.0
M4 x 0.7
ø 4.6
ø 2.2
200
800
400
600
1000
• Thread
1.0
12
PITA43TMB5
Detailed Dimensions Online
25.4
ø 1.47
stainless
steel
25.4
R 12.7
ø2.9
Stainless
Braid Over
Monocoil
14.0
ø 4.0
M4 x 0.7 stainless steel
20.6
30.0
1000
15.5
ø 4.6
ø 2.2
200
800
400
600
1000
• Thread/90° Angle
1.0
12
PITP43TMB5
Detailed Dimensions Online
1000
20.6
30.0
15.5
M4 x 0.7
stainless steel
ø 1.9
89.0
6.6
14.0
ø2.9 Stainless Braid
Over Monocoil
ø 4.6
ø 2.2
ø 4.0
annealed stainless
steel (bendable)
probe
200
800
400
600
1000
• Thread; bendable tip
0.5
12
PDIT26T5
Detailed Dimensions Online
2X ø 1.0
polyethylene
2X 11.0
2000
2X M3 x 0.5
nickel plated brass
30.0
15.5
ø 4.6
ø 2.2
50
250
100
150
200
300
• Accomplish 2
inspections using
only one sensor
1.0
25
PDIT4100U
Detailed Dimensions Online
2X ø 2.2
polyethylene
11.0
3.0
305
30480
M4 x 0.7
nickel plated brass
M2.5 x 0.045
Contact factory for sensing range.
• 30 m duplex fiber cable
1.5
38
PIF66UM.52M.19D
Detailed Dimensions Online
13.2
2000
ø 4.75
stainless
steel
ø 2.2
polyethylene
Contact factory for sensing range.
• For use with VFT-M8MVS
(ambient side)
See page 203.
ref. model
PIL46U
ref. model
PIL46U
LO8FP
Detailed Dimensions Online
XX.X
lens
optic
M8 x 1
nut
compression
washer
compression
gasket
mounting
nuts
• Ultra-long range-
extending lens; use with
raw plastic fiber
ref. model
PIT46U
ref. model
PIT46U
L2
Detailed Dimensions Online
9.2
ø 4.3
lens optic
ø 4.0
• Range-extending lens
• M2.5 thread
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See this page for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.
NA: MINI-BEAM Expert™ not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com