Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP63
Description  AP63 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP63 ACCESS POINT DATASHEET
Product Description
The Juniper® AP63 is a ruggedized and weather-resistant outdoor Wi-Fi 6 (802.11ax)
access point that delivers fast and reliable Wi-Fi experiences in extremely harsh
environments. The AP63 integrates AI for AX capabilities and dynamic virtual Bluetooth LE
(vBLE) antenna array to automate network operation and boost Wi-Fi performance while
providing real-time network insights and location services. Managed by the Juniper Mist™
cloud architecture, the outdoor AP63 is ideal for retail curbside, enterprise campus, public
venue, outdoor station, and industrial environments.
While wired and wireless networks are business critical, without the right architecture they
can be harder to operate given the sheer number of mobile and IoT devices—not to
mention the extensive variety of hardware, operating systems, and applications currently in
use. Traditional architectures—highly manual and network-centric—lack the scale, flexibility,
and end-to-end visibility required to support modern mobility requirements and the IT
departments that manage them.
Juniper AI-Native Network
Juniper Mist brings true innovation to wireless networking with the world’s first AI-Native
wireless LAN (WLAN). The Juniper AI-Native Networking Platform makes Wi-Fi
predictable, reliable, and measurable, offering unprecedented visibility into the user
experience through the use of unique SLE metrics. Proactive, AI-driven automation and a
self-healing network replace time-consuming manual tasks, lowering Wi-Fi operational
costs and saving substantial time and money.
All operations are managed using the open and programmable microservices that are based
on the Juniper Mist™ cloud architecture. The system delivers maximum network scalability
and performance while also bringing DevOps agility to wireless networking and location
services.
The Juniper Mist Cloud Architecture
The Juniper Mist cloud-native, AI-driven microservices architecture delivers unparalleled
agility, scale, and resiliency to your network. It lowers OpEx and delivers unprecedented
insights into network performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata collected by the Juniper
Access Points.
Datasheet
1
Product Overview
The Wi-Fi 6 (802.11ax) AP63
Series access points driven by
Mist AI™ offer high-performance
Wi-Fi that ensures business
continuity and operational
efficiency in outdoor
environments.


Similar Part No. - AP63

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP63 JUNIPER-AP63 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
logo
Advanced Power Electron...
AP630GP A-POWER-AP630GP Datasheet
81Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP630P A-POWER-AP630P Datasheet
80Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
AP63200Q DIODES-AP63200Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
More results

Similar Description - AP63

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com