Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # AP63
Description  AP63 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Juniper Access Point Family
The Juniper enterprise-grade access point family consists of:
• Wi-Fi 6E: AP45, AP34, AP24, and AP64
• Wi-Fi 6: AP43 Series, AP33, AP32, AP12, and AP63 Series
The real-time microservices in Juniper Mist cloud manage all these access points.
Table 1 compares the supported major functions of the Juniper Wi-Fi 6E and Wi-Fi 6 access points to help in selecting the most
appropriate model(s).
Table 1: Juniper Wi-Fi 6E and Wi-Fi 6 Access Points
AP45
AP34
AP24
AP43
AP33
AP12
AP63
AP64
Deployment
Indoor
Indoor
Indoor
Indoor
Indoor
Indoor Wall
Plate/ Desk
Mount
Outdoor
Indoor/Outdoor
Wi-Fi Standard
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 4x4:4
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 2x2:2
Wi-Fi 6E 802.11ax
(Wi-Fi 6E) 2x2:2
2.4/6 + 5 GHz
802.11ax (Wi-Fi
6)
4x4:4
802.11ax (Wi-Fi 6)
5 GHz:
4x4:4 2.4 GHz:
2x2:2
802.11ax (Wi-Fi
6)
2x2:2
802.11ax (Wi-Fi 6)
4x4:4
802.11ax (Wi-Fi 6E)
2x2:2
Wi-Fi Radios
Dedicated fourth
radio for scanning
Dedicated fourth
radio for scanning
Dedicated third radio
for scanning
Dedicated third
radio for scanning
Dedicated third radio
for scanning
Dedicated third
radio for
scanning
Dedicated third
radio for scanning
Dedicated third
radio for scanning
Antenna Options
Internal/External
Internal
Internal
Internal/External
Internal
Internal
Internal/External
Internal
Virtual BLE
✓
—
—
✓
✓
—
✓
—
USB
✓
✓
✓
✓
✓
—
—
—
IoT Sensors
Temperature,
Accelerometer
Temperature,
Accelerometer
Temperature,
Accelerometer
Humidity,
Pressure,
Temperature
Temperature,
Accelerometer
—
Temperature,
Accelerometer
Temperature,
Accelerometer
GPS/GNSS
—
—
—
—
—
—
—
✓
Warranty
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
Limited Lifetime
One Year
One Year
Frequencies
Supported
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz, 6
GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz, 6
GHz
Services Available for the Juniper AP63
Wi-Fi Cloud Services
Juniper Mist Wi-Fi Assurance
For IT and NOC Teams
• Predictable and Measurable Wi-Fi
• Service-Level Expectations (SLEs) Support
• WxLAN Policy Fabric for Role-Based Access
• Customizable Guest Wi-Fi Portal
• Radio Resource Management (RRM) Driven by AI
Marvis™ Virtual Network Assistant
For IT Helpdesk Teams
• AI-Powered Virtual Network Assistant
• Natural Language Processing Interface
• Anomaly Detection
• Client SLE Visibility and Enforcement
• Data Science-Driven Root-Cause Analysis
Bluetooth Cloud Services
Juniper Mist Mobile Engagement
For Digital Experience Teams
• Accurate (1-3m) Turn-by-Turn Navigation
• Sensor Fusion with Dead Reckoning
• Unsupervised Machine Learning
• Virtual Beacons with Custom Notifications
• Mobile SDK for iOS and Android
Juniper Mist Asset Visibility
For Process and Resource Improvement Teams
• Identification of Assets by Name and Location Visibility
• Zonal/Room Accuracy for Third-Party Tags
• Historical Analytics for Asset Tags
• Telemetry for Asset Tags (temperature, motion, and other data)
• APIs for Viewing Assets and Analytics
AP63 Access Point Datasheet
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com