Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD15P05 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RFD15P05
Description  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RFD15P05 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RFD15P05 Datasheet HTML 1Page - Inchange Semiconductor Company Limited RFD15P05 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc P-Channel MOSFET Transistor
RFD15P05
www.iscsemi.com
1
FEATURES
·Drain Current -ID= -15A@ TC=25℃
·Drain Source Voltage -VDSS= -50V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 0.15Ω(Max)@VGS= -10V
DESCRIPTION
·
DC-to-DC Converter
·
General Industrial Applications
·
Power Motor Control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-50
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
-15
A
IDM
Drain Current-Single Pulse
-45
A
PD
Total Dissipation @TC=25℃
80
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.88
℃
/W


Similar Part No. - RFD15P05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
logo
VBsemi Electronics Co.,...
RFD15P05 VBSEMI-RFD15P05 Datasheet
940Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Intersil Corporation
RFD15P05SM INTERSIL-RFD15P05SM Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
logo
VBsemi Electronics Co.,...
RFD15P05SM VBSEMI-RFD15P05SM Datasheet
985Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD15P05SM ISC-RFD15P05SM Datasheet
298Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFD15P05

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com