Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT08
Description  FAST RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT08 Datasheet HTML 1Page - STMicroelectronics BYT08 Datasheet HTML 2Page - STMicroelectronics BYT08 Datasheet HTML 3Page - STMicroelectronics BYT08 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
BYT 08P-1000
FAST RECOVERY RECTIFIER DIODE
VERY HIGH REVERSE VOLTAGE CAPABILITY
VERY LOW REVERSES RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
SUITABLE APPLICATIONS
FREE WHEELING DIODE IN CONVERTERS
AND MOTOR CONTROL CIRCUITS
RECTIFIER IN S.M.P.S.
October 1999 - Ed: 2A
1/4
TO220AC
(Plastic)
Cathode connected to case
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1000
V
VRSM
Non Repetitive Peak Reverse Voltage
1000
V
IFRM
Repetitive Peak Forward Current
tp
≤ 10µs
100
A
IF (RMS)
RMS Forward Current
16
A
IF (AV)
Average Forward Current
Tc = 115
°C
δ = 0.5
8A
IFSM
Surge Non Repetitive Forward Current
tp = 10ms
Sinusoidal
50
A
P
Power Dissipation
Tc = 115
°C
17
W
Tstg
Tj
Storage and Junction Temperature Range
- 40 to + 150
- 40 to + 150
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j - c)
Junction-case
2
°C/W
THERMAL RESISTANCE
K
A


Similar Part No. - BYT08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08 STMICROELECTRONICS-BYT08 Datasheet
101Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Seme LAB
BYT08-400-220M SEME-LAB-BYT08-400-220M Datasheet
25Kb / 2P
DUAL FAST RECOVERY RECTIFIER IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
logo
Vishay Siliconix
BYT08P VISHAY-BYT08P Datasheet
67Kb / 5P
Fast Recovery Silicon Power Rectifier
24-Jun-98
logo
Inchange Semiconductor ...
BYT08P-1000 ISC-BYT08P-1000 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT08P-400 STMICROELECTRONICS-BYT08P-400 Datasheet
101Kb / 7P
FAST RECOVERY RECTIFIER DIODES
Oct-1999
More results

Similar Description - BYT08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
RU3YX EIC-RU3YX_V01 Datasheet
78Kb / 2P
FAST RECOVERY RECTIFIER DIODE
Rev. 02 : March 25, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com