Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0548 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0548
Description  Micro:bit Driver Expansion Board SKU:DFR0548
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0548 Datasheet(HTML) 2 Page - DFROBOT

  DFR0548 Datasheet HTML 1Page - DFROBOT DFR0548 Datasheet HTML 2Page - DFROBOT DFR0548 Datasheet HTML 3Page - DFROBOT DFR0548 Datasheet HTML 4Page - DFROBOT DFR0548 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Since the advent of micro:bit, its simple and practical way of programming is widely loved by makers,
students and teachers. Its sample design, coupled with a wealth of pin resources, give it infinite
possibilities. This expansion board not only leads to 9 micro: bit onboard GPIO interfaces, but also
comes with 4-way motor drives and 8 servo interfaces, of which 4-way motor drives can be reused
as 2-way stepper motor drives.
Micro:bit Driver Expansion Board adopts IIC external drive chip to control the motor and servo motor,
only takes up two IIC pins and can complete the motor and servo dual control without occupying
other resources. Using HR8833 motor driver, the maximum continuous operating current is 1.5A, it
can drive the ordinary small motor and N20 mini metal motor. Each motor port comes with a positive
and negative rotating indicator to identify the motor running direction conveniently, which is very
suitable for students and makers to make small projects. Both the extended GPIO and the servo
interface use the DFRobot _ Gravity standard interface, supporting a large number of modules and
sensors. The servo interface is directly connected to the Vin power supply, thus increasing the
supply current which can support multiple servos to work at the same time.
This expansion board supports 3.5V to 5.5V power supply. It provides a DC 2.1 plug and a wiring
terminal which can be connected directly to three dry battery boxes. It comes with a USB to DC 2.1
adapter cable, which can be powered by power bank and is more economical and environment-
friendly.
Specification
•
Supply Voltage: 3.5~5.5V DC
•
Digital Output Voltage: 0V / 3.3V
•
Analog Output Voltage: 0~3.3V DC
•
Standard Gravity Interface
•
Micro: bit Interface: 9 (P0 P1 P2 P8 P12 P13 P14 P15 P16)
•
Servo Interfaces x 8
•
Motor Interface: DC Motor x 4 / Step Motor x 2
•
Dimension: 63x58mm / 2.48x2.28in
Board Overview
Micro:bit Driver Expansion Board DFR0548 Board Overview



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com