Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0548 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0548
Description  Micro:bit Driver Expansion Board SKU:DFR0548
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0548 Datasheet(HTML) 1 Page - DFROBOT

  DFR0548 Datasheet HTML 1Page - DFROBOT DFR0548 Datasheet HTML 2Page - DFROBOT DFR0548 Datasheet HTML 3Page - DFROBOT DFR0548 Datasheet HTML 4Page - DFROBOT DFR0548 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro:bit Driver Expansion Board
SKU:DFR0548
Contents
•
1 Introduction
•
2 Specification
•
3 Board Overview
•
4 Tutorial
o
4.1 Drive Motor
o
4.2 Drive Servo
o
4.3 Drive Stepper Motor
•
5 FAQ
•
6 More Documents
Introduction
Micro:bit Driver Expansion Board


Similar Part No. - DFR0548

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0543 DFROBOT-DFR0543 Datasheet
1Mb / 9P
LattePanda Delta 432 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0544 DFROBOT-DFR0544 Datasheet
573Kb / 6P
LattePanda Delta 432(Win10 Pro Activated) – Tiny Ultimate
DFR0545 DFROBOT-DFR0545 Datasheet
1Mb / 11P
LattePanda Alpha 800 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0546 DFROBOT-DFR0546 Datasheet
2Mb / 10P
LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
5-29-19
DFR0547 DFROBOT-DFR0547 Datasheet
5Mb / 9P
LattePanda 2 Alpha 864s (Win10 Pro activated)
More results

Similar Description - DFR0548

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
DEV-15270 SPARKFUN-DEV-15270 Datasheet
145Kb / 2P
SparkFun gator:log - micro:bit Accessory Board
9??2??9
DEV-15713 SPARKFUN-DEV-15713 Datasheet
221Kb / 2P
SparkFun moto:bit - micro:bit Carrier Board (Qwiic)
1??9??0
DEV-15837 SPARKFUN-DEV-15837 Datasheet
227Kb / 2P
SparkFun weather:bit - micro:bit Carrier Board (Qwiic)
2??0??0
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
SEN-15269 SPARKFUN-SEN-15269 Datasheet
152Kb / 2P
SparkFun gator:environment - micro:bit Accessory Board
6??4??9
SEN-15271 SPARKFUN-SEN-15271 Datasheet
179Kb / 2P
SparkFun gator:particle - micro:bit Accessory Board
6??4??9
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
SEN-15273 SPARKFUN-SEN-15273 Datasheet
131Kb / 2P
SparkFun gator:UV - micro:bit Accessory Board
9??2??9
SEN-15289 SPARKFUN-SEN-15289 Datasheet
197Kb / 2P
SparkFun gator:microphone - micro:bit Accessory Board
6??4??9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com