Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS0101DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments TXS0101DBVT Datasheet HTML 10Page - Texas Instruments TXS0101DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Switching Characteristics
PRINCIPLES OF OPERATION
Applications
Architecture
TXS0101
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES638 – OCTOBER 2007
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
Push-pull driving
2.4
3.1
tPHL
Open-drain driving
1.3
4.2
1.4
4.6
A
B
ns
Push-pull driving
4.2
4.4
tPLH
Open-drain driving
36
204
28
165
Push-pull driving
2.5
3.3
tPHL
Open-drain driving
1
124
1
97
B
A
ns
Push-pull driving
2.5
2.6
tPLH
Open-drain driving
3
139
3
105
ten
OE
A or B
200
200
ns
tdis
OE
A or B
40
35
ns
Push-pull driving
2.3
5.6
1.9
4.8
trA
A-port rise time
ns
Open-drain driving
25
116
19
85
Push-pull driving
1.6
6.4
0.6
7.4
trB
B-port rise time
ns
Open-drain driving
26
116
14
72
Push-pull driving
1.4
5.4
1
5
tfA
A-port fall time
ns
Open-drain driving
4.3
6.1
4.2
5.7
Push-pull driving
2.3
7.4
2.4
7.6
tfB
B-port fall time
ns
Open-drain driving
5
7.6
4.8
8.3
Push-pull driving
23
24
Max data rate
Mbps
Open-drain driving
1
1
The TXS0101 can be used in level-translation applications for interfacing devices or systems operating at
different interface voltages with one another. The TXS0101 is ideal for use in applications where an open-drain
driver is connected to the data I/Os. The TXB0101 can also be used in applications where a push-pull driver is
connected to the data I/Os, but the TXB0102 might be a better option for such push-pull applications.
The TXS0101 architecture (see Figure 1) does not require a direction-control signal to control the direction of
data flow from A to B or from B to A.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com