Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS0101DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TXS0101DBVT Datasheet HTML 1Page - Texas Instruments TXS0101DBVT Datasheet HTML 2Page - Texas Instruments TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
Data
GND
GND
GND
Data
A
B
VCCA
VCCB
OE
1.8 V
System
Controller
3.3 V
System
3.3 V
1.8 V
Absolute Maximum Ratings
(1)
TXS0101
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES638 – OCTOBER 2007
PIN DESCRIPTION
NO.
NAME
FUNCTION
1
VCCA
A-port supply voltage. 1.65 V
≤ VCCA ≤ 3.6 V and VCCA ≤ VCCB
2
GND
Ground
3
A
Input/output A. Referenced to VCCA.
4
B
Input/output B. Referenced to VCCB.
5
OE
Output enable. Pull OE low to place all outputs in 3-state mode. Referenced to VCCA.
6
VCCB
B-port supply voltage. 2.3 V
≤ VCCB ≤ 5.5 V
TYPICAL OPERATING CIRCUIT
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
4.6
V
VCCB
Supply voltage range
–0.5
6.5
V
A port
–0.5
4.6
VI
Input voltage range(2)
V
B port, OE
–0.5
6.5
A port
–0.5
4.6
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5
VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
DBV package
165
DCK package
259
θJA
Package thermal impedance(4)
°C/W
DRL package
142
YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com