Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0756 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0756
Description  DC-DC Fast Charge Module 6~32V to 5V/3A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0756 Datasheet(HTML) 2 Page - DFROBOT

  DFR0756 Datasheet HTML 1Page - DFROBOT DFR0756 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
•
Small in size
•
Support multiple fast-charging protocols
•
USB output
•
Can be used as a charging module or power supply
SPECIFICATION
•
Input Voltage Range: 6V-32V
•
Output Voltage: 3-12V Auto-adjust based on the fast-charging protocol (Default output 5V,
the input should be 2V higher than the output)
•
Output Current: 0-3A
•
Chip Protection: input overvoltage, under-voltage protection, input overcurrent protection,
output overcurrent, short circuit protection, machine over-temperature protection
•
Supported Fast Charging Protocol:
DCP protocol, BC1.2, Apple, Samsung
Huawei fast charging protocol FCP/SCP
supports spreadtrum fast charge protocol SFCP
Qualcomm QC2.0 and 3.0
MTKPE1.1/PE2.0
SHIPPING LIST
• DC-DC Fast Charge Module 6~32V to 5V/3A x1
https://www.dfrobot.com/product-2163.html/9-21-20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com