Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0756 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0756
Description  DC-DC Fast Charge Module 6~32V to 5V/3A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0756 Datasheet(HTML) 1 Page - DFROBOT

  DFR0756 Datasheet HTML 1Page - DFROBOT DFR0756 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Fast Charge Module 6~32V to 5V/3A
SKU:DFR0756
INTRODUCTION
This USB fast-charge module integrates the most common 5V charging recognition function
and provides compatibility for more than 99% of mobile phones on the market. Compared
with other products without a charge recognition function, the charging current in the peak
of this module can be triggered by the charging protocol, which greatly saves charging time.
With steady output, this Fast Charge Module is able to work for a long time without voltage
shift. It can be suitable for projects like mobile phone fast charging, Car charging retrofit,
solar charger, DIY power source, etc.


Similar Part No. - DFR0756

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DFR0760 AGELECTRONICA-DFR0760 Datasheet
444Kb / 2P
MÓDULO DE SÍNTESIS DE VOZ (INGLÉS Y CHINO)
17/11/2022
More results

Similar Description - DFR0756

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
logo
XLSEMI
XL4012 XLSEMI-XL4012 Datasheet
183Kb / 9P
12A 300KHz 32V Buck DC to DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com