Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5295IPFP Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 17Page - Texas Instruments ADS5295IPFP Datasheet HTML 18Page - Texas Instruments ADS5295IPFP Datasheet HTML 19Page - Texas Instruments ADS5295IPFP Datasheet HTML 20Page - Texas Instruments ADS5295IPFP Datasheet HTML 21Page - Texas Instruments ADS5295IPFP Datasheet HTML 22Page - Texas Instruments ADS5295IPFP Datasheet HTML 23Page - Texas Instruments ADS5295IPFP Datasheet HTML 24Page - Texas Instruments ADS5295IPFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
Frequency (MHz)
SNR = 77 dBFS
SINAD = 77 dBFS
SFDR = 94.4 dBc
THD = 100.9 dBc
Decimate−by−8 Filter Enabled
G030
−45
−42
−39
−36
−33
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
0.02
0.1
1
10 15
Frequency (MHz)
K = 2
K = 3
K= 4
K = 5
K = 6
K = 7
K = 8
K = 9
K = 10
G031
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
12.5
Frequency (MHz)
SNR = 77.19 dBFS
SINAD = 77 dBFS
SFDR = 91.2 dBc
THD = 90.6 dBc
Decimate−by−4 Filter Enabled
G028
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
Frequency (MHz)
SNR = 76.4 dBFS
SINAD = 72.9 dBFS
SFDR = 74.5 dBc
THD = 74.4 dBc
4 Channels Averaged
G029
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
TYPICAL CHARACTERISTICS: Digital Processing (continued)
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Figure 28. FFT FOR 5-MHz INPUT SIGNAL
Figure 29. FFT FOR 5-MHz INPUT SIGNAL
(Sample Rate = 100 MSPS, Decimation Filter = 4)
(Sample Rate = 100 MSPS by Averaging Four Channels)
Figure 30. FFT FOR 5-MHz INPUT SIGNAL
Figure 31. DIGITAL HIGH-PASS FILTER RESPONSE
USING CUSTOM DECIMATION-BY-8 FILTER
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com