Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5295IPFP Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 9Page - Texas Instruments ADS5295IPFP Datasheet HTML 10Page - Texas Instruments ADS5295IPFP Datasheet HTML 11Page - Texas Instruments ADS5295IPFP Datasheet HTML 12Page - Texas Instruments ADS5295IPFP Datasheet HTML 13Page - Texas Instruments ADS5295IPFP Datasheet HTML 14Page - Texas Instruments ADS5295IPFP Datasheet HTML 15Page - Texas Instruments ADS5295IPFP Datasheet HTML 16Page - Texas Instruments ADS5295IPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
PIN DESCRIPTIONS (continued)
NAME
NO.
FUNCTION(1)
DESCRIPTION
OUT5B_N
34
DO
Channel 5 differential LVDS negative data output, two-wire
OUT5B_P
33
DO
Channel 5 differential LVDS positive data output, two-wire
OUT5A_N
36
DO
Channel 5 differential LVDS negative data output, one-wire
OUT5A_P
35
DO
Channel 5 differential LVDS positive data output, one-wire
OUT6B_N
38
DO
Channel 6 differential LVDS negative data output, two-wire
OUT6B_P
37
DO
Channel 6 differential LVDS positive data output, two-wire
OUT6A_N
40
DO
Channel 6 differential LVDS negative data output, one-wire
OUT6A_P
39
DO
Channel 6 differential LVDS positive data output, one-wire
OUT7B_N
42
DO
Channel 7 differential LVDS negative data output, two-wire
OUT7B_P
41
DO
Channel 7 differential LVDS positive data output, two-wire
OUT7A_N
44
DO
Channel 7 differential LVDS negative data output, one-wire
OUT7A_P
43
DO
Channel 7 differential LVDS positive data output, one-wire
OUT8B_N
46
DO
Channel 8 differential LVDS negative data output, two-wire
OUT8B_P
45
DO
Channel 8 differential LVDS positive data output, two-wire
OUT8A_N
48
DO
Channel 8 differential LVDS negative data output, one-wire
OUT8A_P
47
DO
Channel 8 differential LVDS positive data output, one-wire
PD
10
DI
Power-down control input pin
REFB
69
AI
Negative reference input/output
REFT
70
AI
Positive reference input/output
RESET
51
DI
Active high RESET input
SCLK
77
DI
Serial clock input
SDATA
76
DI
Serial data input
SDOUT
64
DO
Serial data output
SYNC
65
DI
Synchronization input for reduced output data rate
VCM
68
AI
Common-mode output pin, 0.95-V output
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com