Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C20IPFPR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS58C20IPFPR.A
Description  Dual IF Receivers with SNRBoost3G Signal Processing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS58C20IPFPR.A Datasheet(HTML) 1 Page - Texas Instruments

  ADS58C20IPFPR.A Datasheet HTML 1Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 2Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 3Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 4Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 5Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 6Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 7Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 8Page - Texas Instruments ADS58C20IPFPR.A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADS58C20
ADS58C23
www.ti.com
SLAS783
– JUNE 2011
Dual IF Receivers with SNRBoost3G+ Signal Processing
Check for Samples: ADS58C20 , ADS58C23
1
FEATURES
APPLICATIONS
2
•
Differential Analog IF Input, DDR LVDS Digital
•
ADS58C20: Multi-Carrier
IF Output
GSM/3G/LTE/TDS-CDMA Cellular Base-station
Receiver
•
Up to 125-MHz Signal Bandwidth per Receiver
•
ADS58C23: Multi-Carrier 3G/LTE/TDS-CDMA
– With 40- and 75-MHz optimized bands
Cellular Base-station Receiver
•
High Dynamic Performance
•
High Impedance Input
•
80-Pin TQFP Package with PowerPAD
™
DESCRIPTION
The ADS58C20 and ADS58C23 are dual IF receivers for wideband, multi-mode cellular infrastructure base
stations. Each channel provides high dynamic performance up to 125 MHz of bandwidth, with optimized bands of
40- and 75-MHz. The IF receiver architecture eases front end filter design for wide bandwidth receivers. The
receivers have integrated buffers at the analog inputs with benefits of uniform performance and input impedance
across a wide frequency range.
The ADS58C20 is a high performance part with superior specifications for single/multi-mode cellular base-station
receivers that include multi-carrier GSM. It can also process other cellular protocols such as TDS-CDMA/3G/LTE
and prior generation systems.
The ADS58C23 offers the same functionality and pinout as ADS58C20 but with reduced minimum performance
specifications for lower cost and performance systems, such as TDS-CDMA/3G/LTE single/multi-mode receivers
(when GSM is not required). It can also process prior generation protocols.
The devices are available in a 80-pin TQFP package, and are specified over the full industrial temperature range
(
–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS58C20IPFPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C20IPFPR.A TI2-ADS58C20IPFPR.A Datasheet
264Kb / 9P
Dual IF Receivers with SNRBoost3G Signal Processing
JUNE 2011
More results

Similar Description - ADS58C20IPFPR.A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
IF Signal Processing (VIFSIF) Cricuit for TV/VTR
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
IF Signal Processing for DAB
logo
NEC
UPC1820 NEC-UPC1820 Datasheet
786Kb / 24P
COLOR TV/VTR PLL IF SIGNAL PROCESSING IC
logo
Texas Instruments
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Texas Instruments
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com