Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR.A Datasheet(PDF) 68 Page - Texas Instruments

Part # ADS5294IPFPR.A
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A Datasheet(HTML) 68 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 64Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 65Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 66Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 67Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 68Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 69Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 70Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 71Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
25
30
35
40
Frequency (MHz)
SNR = 77.9 dBFS
SINAD = 77.9 dBFS
SFDR = 93.13 dBc
THD = −96 dBc
2 Channels averaged
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 76.1 dBFS
SINAD = 75.7 dBFS
SFDR = 87 dBc
THD =84.7 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
Frequency (MHz)
SNR = 78.2 dBFS
SINAD = 78.2 dBFS
Decimate by 2 Filter Enabled
68
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Application (continued)
10.2.3 Application Curves
The ADS5294 is a low-power 80-MSPS 8-Channel ADC. The digital processing block of the ADS5294 integrates
several commonly used digital features for improving system performance. The device includes a digital filter
module that has built-in decimation filters (with lowpass, highpass and bandpass characteristics). The decimation
rate is programmable (by 2, by 4, or by 8). This rate is useful for narrow-band applications, where the filters are
used to conveniently improve SNR and knock-off harmonics, while at the same time reducing the output data
rate. The device also includes an averaging mode where two channels (or even four channels) are averaged to
improve SNR. The below application curves show that about 2 dB SNR improvment can be achieved by either
enabling 2X decimation or 2-CH averaging features.
Fs = 80 MSPS
Figure 66. SNR without Decimation Enabled
Fs = 80 MSPS
Figure 67. SNR With Decimation Enabled
Fs = 80 MSPS
Figure 68. SNR With 2-CH Average Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com